Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN1280 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ALN1280
Description  Internally Matched LNA Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1280 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ALN1280 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1280 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1280 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
www.asb.co.kr
July 2017
plerowTM ALN1280
Internally Matched LNA Module
S-parameters
Noise Figure
OIP3
P1dB
1270~1290 MHz
+5 V
Stability Factor (K)
Typical Performance
(Measured)
1270
1275
1280
1285
1290
-60
-50
-40
-30
-20
-10
0
10
20
26
27
28
29
30
31
32
33
34
S12
S11
S22
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S12
S11
S22
S21
Frequency [MHz]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com