Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP100 Datasheet(PDF) 1 Page - Picker Components

Part # HTP100
Description  Heat Transfer Pad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

HTP100 Datasheet(HTML) 1 Page - Picker Components

  HTP100 Datasheet HTML 1Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972) 735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
HTP100 4/06017
FEATURES
 Low Thermal Resistance
 Good Thermal Conductivity
 Easy to Install and Clean
DIMENSIONS inches/(mm)
Heat Transfer Pad
HTP50, HTP100, HTP300
HTP50 - For Use with Picker Components Relays PCS52 and PCS53
HTP100 - For Use with Picker Components Relays PCS15, PCS28,
PCS33, PCS34 AC In and PCS34 DC In
HTP300 - For Use with Picker Components Relays PCS21 and PCS24
HTP100
HTP300
HTP50
Available
Soon


Similar Part No. - HTP100

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
HTP100 AMPHENOL-HTP100 Datasheet
54Kb / 4P
High Temperature Probes
More results

Similar Description - HTP100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
27160 ETC-27160 Datasheet
101Kb / 1P
Effective with radiation, convection and conduction heat transfer
logo
BRIGHT LED ELECTRONICS ...
BWL-2B1A01 BRIGHT-BWL-2B1A01 Datasheet
205Kb / 5P
InGaN Flip chip White Efficient heat transfer.
BWL-2B1A01-H1 BRIGHT-BWL-2B1A01-H1 Datasheet
223Kb / 4P
1W AlInGaN White High lumen output Efficient heat transfer.
BWL-2B1B01 BRIGHT-BWL-2B1B01 Datasheet
183Kb / 4P
1W AlInGaN Blue High lumen output Efficient heat transfer.
BWL-2B1B01-H1 BRIGHT-BWL-2B1B01-H1 Datasheet
773Kb / 4P
1W AlInGaN Blue Low power consumption Efficient heat transfer.
logo
Panasonic Semiconductor
MN103SD0 PANASONIC-MN103SD0 Datasheet
356Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SD3 PANASONIC-MN103SD3 Datasheet
337Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SE5 PANASONIC-MN103SE5 Datasheet
318Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SK7 PANASONIC-MN103SK7 Datasheet
353Kb / 3P
Transfer method: 2-bus cycle transfer
logo
New Jersey Semi-Conduct...
IRKT106 NJSEMI-IRKT106 Datasheet
384Kb / 5P
Heat transfer through ceramic.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com