Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS27-DC Datasheet(PDF) 1 Page - Picker Components

Part # PCS27-DC
Description  DC Output Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS27-DC Datasheet(HTML) 1 Page - Picker Components

  PCS27-DC Datasheet HTML 1Page - Picker Components PCS27-DC Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS27 DC Output Rev B 9/16/2015
1 of 2
DC Output Solid State Relay
PCS27 DC Output
OUTPUT PARAMETERS (Ta = 25°C)
50D
100D
Load Voltage Range
3 - 60 VDC
Max. Transient Voltage
60 Vpk
100 Vpk
Load Current Range
0.1 - 2 A
Max. Surge Current (10 ms)
8 Apk
Max. On-State Voltage Drop
1.5 VDC
Max. Off-State Leakage Current
0.1 mA
Max. Turn-On Time
0.5 ms
Max. Turn-Off Time
1 ms
3 - 100 VDC
FEATURES
 2 A or 3 A Output
 DC Input: 5 VDC; 12 VAC; 24 VAC
 PCB Mount
 Built in Snubber
 Photoelectric Isolation
 RoHS Compliant
E93379
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
5
4 - 6 VDC
12
9.6 - 14.4 VDC
24
19.2 - 28.8 VDC
Must Turn-On Voltage
5
4 VAC
12
9.6 VAC
24
19.2 VAC
Must Turn-Off Voltage
1 VDC
5
25 mA
12
25 mA
24
25 mA
Input Resistance
5
250 Ω
12
720 Ω
24
1.64 kΩ
Max. Input Current
ORDERING INFORMATION
CHARACTERISTICS
Dielectric Strength  
2500 VAC, 50 Hz/60 Hz, 1 min. (Input to Output)
Insulation Resistance 
1000 MΩ at 500 VDC (Input to Output)
Max. Capacitance
8 pF (Input to Output)
Acceleration 980 m/s2, Continuous Surge 6 ms
10 Hz - 55 Hz 1.5 mmm DA
Shock Resistance
Vibration Resistance 
Operating Temperture
- 30°C to 85°C
Storage Temperature
- 30°C to 100°C
Relative Humidity
45% - 85%
Weight
Approximately 20 g
Example:  PCS27 ‐12D ‐50D ‐2 
Z 
Model:  PCS27 DC Output
  
  
  
  
Control Voltage:  5D: 4‐6 VDC 
      
                    12D: 9.6 ‐ 14.4 VDC,  
  
  
  
                    24D: 19.2 ‐ 28.8 VDC 
  
  
  
Load  Voltage:  50D: 50VDC  100D: 100VDC   
  
  
Load Current: 2: 2 Amp, 3: 3 Amp 
  
  
Switching Type:  Z: Zero Crossing, R:  Random Turn‐On 
  
Box Quantity: 540; Inner Box 27


Similar Part No. - PCS27-DC

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS27-AC PICKER-PCS27-AC Datasheet
309Kb / 2P
AC Output Solid State Relay
More results

Similar Description - PCS27-DC

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
DC SOLID STATE RELAY
logo
Picker Components
PCD32 PICKER-PCD32 Datasheet
342Kb / 3P
DC Output Solid State Relay
PCS32 PICKER-PCS32 Datasheet
245Kb / 2P
DC Output Solid State Relay
logo
Solid State Optronic
SMA4122 SSOUSA-SMA4122 Datasheet
222Kb / 6P
DC MOSFET Output Solid State Relay
logo
Picker Components
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
DC Output Solid State Relay
PCS33 PICKER-PCS33_17 Datasheet
1Mb / 3P
Solid State Relay?봎OSFET DC Voltage Output
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
DC OutPut Compact Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
DC Solid-State Relay
logo
celduc-relais
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
DC Solid State Relay
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com