Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS28 Datasheet(PDF) 2 Page - Picker Components

Part # PCS28
Description  Dual Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS28 Datasheet(HTML) 2 Page - Picker Components

  PCS28_17 Datasheet HTML 1Page - Picker Components PCS28_17 Datasheet HTML 2Page - Picker Components PCS28_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS28 Rev G 10/09/2017
2 of 3
PCS28
PCS28
DIMENSIONS (mm)
ACCESSORIES
Heat Transfer Pad
HTP100
Heat Sinks
PCH-I-50 for applications up to 20 Amps @ 25°C Ambient Temperature
PCH-H-110 for applications up to 35 Amps @ 25°C Ambient Temperature
PCH-H-150 for applications up to 50 Amps @ 25°C Ambient Temperature
ACCESSORIES SOLD SEPERATELY
PRECAUTIONS
1)
Whenchoosing a Solid State Relay (SSR), note the actual loadcurrent and ambient temperature and reference the Characteristic Curves below.
2)
SSRs require a adequate heat sinking or other effective cooling measures.
3)
With ambient temperature above 25°C refer to the curve of Max. Load Current vs Ambient Temperature for load current derating.
4)
Apply heat-conductingsilicon grease orathermal transfer padonthe space between SSR andheatsink and screw the SCR firmly in to the heat sink to
avoid damage from overheating.
5)
Tighten theSSR terminal screws properly. We recommended screw installation torque asfollows :
M4 screw mounting torque range is (0.98-1.37)N • m,
M3screw mounting torque range is (0.56-0.98)N • m.
Lose screwswill damage the SSR with heat generated from connections.Also, excessive screw torquemaydamagerelays internal components.
6)
It is recommended to use a heat sink matched to the Current Load. With any heat sink test that the SSR basetemperature does not exceed 65"C.
7)
When using the PCS15 relay with an inductive load, it is suggested to select random tum-on (i.e.,a model with "R” letter).
8)
The PCS15 is not suitable for capacitive loads; if you must then do not choose products with varistor protection(i.e., a model with “Y” letter).
9)
Listed parameters are based on resistive loads. Do not use the relay beyond the described current, temperature, load or voltage limits as de-
scribed in this data sheet.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com