Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS32-AC Datasheet(PDF) 1 Page - Picker Components

Part # PCS32-AC
Description  AC Output Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS32-AC Datasheet(HTML) 1 Page - Picker Components

  PCS32-AC Datasheet HTML 1Page - Picker Components PCS32-AC Datasheet HTML 2Page - Picker Components PCS32-AC Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS32 AC Output Rev B 7/21/2016
1 of 3
AC Output Solid State Relay
PCS32 AC Output
OUTPUT PARAMETERS (Ta = 25°C)
Load Voltage Range
48 VAC to 280 VAC
Max. Transient Voltage
600 Vpk
Load Current Range
1 Amp
0.1 A to 1 A
2 Amp
0.1 A to 2 A
Max. Surge Current (10 ms)
1 Amp
30 A
2 Amp
80 A
Max. On-State Voltage Drop
1.2 VRMS
Max. I2t (10 ms, A2s)
A1
4.5
A2
32
Max. Turn-On Time
1/2 Cycles + 1 ms
1 ms
Max. Turn-Off Time
1/2 Cycles + 1 ms
Frequency Range
47 Hz to 63 Hz
Min. Off-State dv/dt
100 V/us
Max. Off-State Leakage Current
1 mA
FEATURES
 Small Dimension for High Packing Density PCB Assembly or
Socket Mount
 2,500 VRMS Opto-Isolation Between Input and Output
 TTL and CMOS compatible
 For Interface Application Between PLC and External Loads
 RoHS Compliant
E93379
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
5D
4 - 6 VDC
12D
9.6 - 14.4 VDC
24D
19.2 - 28.8 VDC
60D
48 - 72 VDC
Must Turn-On Voltage
5D
4 - 6 VDC
12D
9.6 - 14.4 VDC
24D
19.2 - 28.8 VDC
60D
48 - 72 VDC
Must Turn-Off
Voltage
Zero Cross
turn-on
5D
1 VDC
12D
3 VDC
24D
10 VDC
60D
20 VDC
Random Turn-On
1 VDC
Max. Input Current
25 mA
Max. Reverse Protection Voltage
5D
-6 VDC
12D
-14.4 VDC
24D
-28.8 VDC
60D
-72 VDC
CHARACTERISTICS
Dielectric Strength
2,500 VAC, 1 min. Input to Output
Insulation Resistance
1,000 MΩ at 500 VDC
Max. Capacitance
5 pF (Input to Output)
ORDERING INFORMATION
Example:
PCS32
-12D
-240A
-2
Z
Model: PCS32 AC Output
Control Voltage: 5D: 4 - 6 VDC; 12D: 9.6 - 14.4 VDC;
24D: 19.2 - 28.8 VDC; 60D: 48 - 72 VDC
Load Voltage: 240A: 240 VAC
Load Current: 1: 1 A; 2: 2 A
Switching Type: Z: Zero Crossing; R: Random Turn-On
Overvoltage Protection: Nil: Without; Y*: With Varistor
Mounting Mode: Nil: Vertical (PC Pins In Line); H: Horizontal (PC Pins Dual In Line)
Vertical Box Quantity: 2,000; Inner Box 100, Horizontal Box Quantity: 500; Inner Box: 50
CHARACTERISTICS Continued
Vibration Resistance
10 Hz - 55 Hz 1.5 mmm DA
Shock Resistance
Acceleration 980 m/s2, Continuous Surge 6 ms
Operating Temperature
-30°C to 80°C
Storage Temperature
-30°C to 100°C
Relative Humidity
45% - 85%
Weight
11 g (Horizontal), 4g (Vertical)
Horizontal
Vertical
Notes:
*Varistor Version (Y) available
only in 1 Amp, Zero Crossing
**Horizontal Version (H) available
only in 2 Amp Version


Similar Part No. - PCS32-AC

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS32 PICKER-PCS32 Datasheet
245Kb / 2P
DC Output Solid State Relay
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
DC Output Solid State Relay
More results

Similar Description - PCS32-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Picker Components
PCS27 PICKER-PCS27 Datasheet
309Kb / 2P
AC Output Solid State Relay
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Picker Components
PCS27-AC PICKER-PCS27-AC Datasheet
309Kb / 2P
AC Output Solid State Relay
PCS41 PICKER-PCS41 Datasheet
1Mb / 3P
AC Output Solid State Relay/Output Module
PCS55 PICKER-PCS55 Datasheet
615Kb / 3P
AC Output Solid State Relay/Output Module
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com