Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS374 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS374
Description  OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS374 Datasheet(HTML) 2 Page - Texas Instruments

  SN54LS374 Datasheet HTML 1Page - Texas Instruments SN54LS374 Datasheet HTML 2Page - Texas Instruments SN54LS374 Datasheet HTML 3Page - Texas Instruments SN54LS374 Datasheet HTML 4Page - Texas Instruments SN54LS374 Datasheet HTML 5Page - Texas Instruments SN54LS374 Datasheet HTML 6Page - Texas Instruments SN54LS374 Datasheet HTML 7Page - Texas Instruments SN54LS374 Datasheet HTML 8Page - Texas Instruments SN54LS374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN54LS373, SN54LS374, SN54S373, SN54S374,
SN74LS373, SN74LS374, SN74S373, SN74S374
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SDLS165B – OCTOBER 1975 – REVISED AUGUST 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube
SN74LS373N
SN74LS373N
PDIP
N
Tube
SN74LS374N
SN74LS374N
PDIP – N
Tube
SN74S373N
SN74S373N
Tube
SN74S374N
SN74S374N
Tube
SN74LS373DW
LS373
Tape and reel
SN74LS373DWR
LS373
Tube
SN74LS374DW
LS374
0
°Cto70°C
SOIC
DW
Tape and reel
SN74LS374DWR
LS374
0
°C to 70°C
SOIC – DW
Tube
SN74S373DW
S373
Tape and reel
SN74S373DWR
S373
Tube
SN74S374DW
S374
Tape and reel
SN74S374DWR
S374
Tape and reel
SN74LS373NSR
74LS373
SOP – NS
Tape and reel
SN74LS374NSR
74LS374
Tape and reel
SN74S374NSR
74S374
SSOP – DB
Tape and reel
SN74LS374DBR
LS374A
Tube
SN54LS373J
SN54LS373J
Tube
SNJ54LS373J
SNJ54LS373J
Tube
SN54LS374J
SN54LS374J
CDIP
J
Tube
SNJ54LS374J
SNJ54LS374J
CDIP – J
Tube
SN54S373J
SN54S373J
Tube
SNJ54S373J
SNJ54S373J
Tube
SN54S374J
SN54S374J
–55
°C to 125°C
Tube
SNJ54S374J
SNJ54S374J
Tube
SNJ54LS373W
SNJ54LS373W
CFP – W
Tube
SNJ54LS374W
SNJ54LS374W
Tube
SNJ54S374W
SNJ54S374W
Tube
SNJ54LS373FK
SNJ54LS373FK
LCCC
FK
Tube
SNJ54LS374FK
SNJ54LS374FK
LCCC – FK
Tube
SNJ54S373FK
SNJ54S373FK
Tube
SNJ54S374FK
SNJ54S374FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com