Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBPW34FASR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VBPW34FASR
Description  Silicon PIN Photodiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBPW34FASR Datasheet(HTML) 3 Page - Vishay Siliconix

  VBPW34FASR Datasheet HTML 1Page - Vishay Siliconix VBPW34FASR Datasheet HTML 2Page - Vishay Siliconix VBPW34FASR Datasheet HTML 3Page - Vishay Siliconix VBPW34FASR Datasheet HTML 4Page - Vishay Siliconix VBPW34FASR Datasheet HTML 5Page - Vishay Siliconix VBPW34FASR Datasheet HTML 6Page - Vishay Siliconix VBPW34FASR Datasheet HTML 7Page - Vishay Siliconix VBPW34FASR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VBPW34FAS, VBPW34FASR
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 24-Aug-11
3
Document Number: 81127
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Reverse Light Current vs. Irradiance
Fig. 4 - Reverse Light Current vs. Reverse Voltage
Fig. 5 - Diode Capacitance vs. Reverse Voltage
Fig. 6 - Relative Spectral Sensitivity vs. Wavelength
Fig. 7 - Relative Radiant Sensitivity vs. Angular Displacement
0.01
0.1
1
0.1
1
10
100
1000
E
e - Irradiance (mW/cm
2
)
10
12787
V
R = 5 V
λ = 950 nm
0.1
1
10
1
10
100
V
R - Reverse Voltage (V)
100
12788
1mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
= 950 nm
λ
0
20
40
60
80
948407
E = 0
f = 1 MHz
VR - Reverse Voltage (V)
0.1
100
110
21743
λ - Wavelength (nm)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
600
700
800
900
1000
1100
0.4
0.2
0
94 8406
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com