Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C32A Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST26C32A
Description  CMOS quad tri-state differential line receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C32A Datasheet(HTML) 5 Page - STMicroelectronics

  ST26C32A Datasheet HTML 1Page - STMicroelectronics ST26C32A Datasheet HTML 2Page - STMicroelectronics ST26C32A Datasheet HTML 3Page - STMicroelectronics ST26C32A Datasheet HTML 4Page - STMicroelectronics ST26C32A Datasheet HTML 5Page - STMicroelectronics ST26C32A Datasheet HTML 6Page - STMicroelectronics ST26C32A Datasheet HTML 7Page - STMicroelectronics ST26C32A Datasheet HTML 8Page - STMicroelectronics ST26C32A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ST26C32A
Maximum ratings
5/15
2
Maximum ratings
Note:
1
Absolute Maximum Ratings are those values beyond which the safety of the device cannot
be guaranteed. They are not meant to imply that the device should be operated at these
limits. The table of electrical characteristics provide conditions for actual device operation.
2
Unless otherwise specified, all voltage are referenced to ground. All currents into the device
pins are positive; all currents out of the device pins are negative.
Table 3.
Absolute maximum ratings (Note: 1, Note 2)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
7
V
VCM
Input common mode range
± 14
V
VDIFF
Differential input voltage
± 14
V
VIN
Enable input voltage
7
V
IOMAX
Maximum current per output
± 25
mA
Tstg
Storage temperature range
-65 to +150
°C
Table 4.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
TA
Operating temperature range
-40 to +85
°C
tr, tf
Maximum enable input rise or fall times
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com