Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C32ABN Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST26C32ABN
Description  CMOS quad tri-state differential line receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C32ABN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST26C32ABN Datasheet HTML 2Page - STMicroelectronics ST26C32ABN Datasheet HTML 3Page - STMicroelectronics ST26C32ABN Datasheet HTML 4Page - STMicroelectronics ST26C32ABN Datasheet HTML 5Page - STMicroelectronics ST26C32ABN Datasheet HTML 6Page - STMicroelectronics ST26C32ABN Datasheet HTML 7Page - STMicroelectronics ST26C32ABN Datasheet HTML 8Page - STMicroelectronics ST26C32ABN Datasheet HTML 9Page - STMicroelectronics ST26C32ABN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
ST26C32A
6/15
3
Electrical characteristics
Note:
1
Unless otherwise specified, min/max limits apply across the recommended operating
temperature range. All typical are given for VCC = 5V and TA = 25°C
Table 5.
Electrical characteristics
(VCC = 5V ± 10%, unless otherwise specified, See Note: 1)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VTH
Minimum differential input
voltage
VOUT = VOH or VOL, -7V < VCM < 7V
-200
35
200
mV
RIN
Input resistance
VIN = -7V, 7V, other input = GND
5
6.8
10
K
Ω
IIN
Input current
VIN = 10V, other input = GND
1.1
1.5
mA
VIN = -10V, other input = GND
-2
-2.5
VOH
High level output voltage
VDIFF = 1V, IOUT = -6mA
3.8
4.2
V
VOL
Low level output voltage
VDIFF = -1V, IOUT = 6mA
0.2
0.3
V
VIH
Minimum enable high input
level voltage
2V
VIL
Minimum enable low input
level voltage
0.8
V
IOZ
3-STATE Output leakage
current
VOUT = VCC or GND
ENABLE = VIL, ENABLE = VIH
±0.5
±5
µA
II
Maximum enable input
current
VIN = VCC or GND
±1
µA
ICC
Quiescent power supply
current
VCC = Max, V(DIFF) = 1V
16
23
mA
VHYST
Input hysteresis
VCM = 0V
60
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com