Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # GS1A
Description  1A Surface Mount General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GS1A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  GS1A Datasheet HTML 1Page - Chip Integration Technology Corporation GS1A Datasheet HTML 2Page - Chip Integration Technology Corporation GS1A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
GS1A THRU GS1M
1A Surface Mount General Purpose Rectifiers
Reverse Voltage (Volts)
Percent of Rated Peak Reverse Voltage ( %)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Ambient Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
1.2
1.0
0.8
0.6
0.4
0.2
Fig. 3 - Typical Instantaneour Forward
Characteristics
Fig. 4 - Typical Reverse Characteristics
Instantaneous Forward Voltage (Volts)
Fig. 5 - Typical Junction Capacitance
single phase
half wave 60Hz
resistive or
inductive load
0.375" (9.5mm)
lead length
60
40
20
0
1
10
100
0
20
40
60
80
100
0.01
1.0
10
100
1000
O
TJ=100 C
O
TJ=150 C
O
TJ=25 C
0.1
0.6
0.8
1.0
1.2
1.4
1.5
0.01
0.1
1.0
10
O
TJ=25 C
pulse width = 300us
1% duty cycle
0.1
1.0
10
100
1
10
100
O
Tj=25 C
Document ID : DS-12G04
Revised Date : 2016/12
Revision : C2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com