Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2AAS Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # GS2AAS
Description  2A Surface Mount General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GS2AAS Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  GS2AAS Datasheet HTML 1Page - Chip Integration Technology Corporation GS2AAS Datasheet HTML 2Page - Chip Integration Technology Corporation GS2AAS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low profile surface mounted application in order to
•
optimize board space.
High current capability.
•
High surge capability.
•
Glass passivated chip junction inside.
•
Suffix "G" indicates Halogen-free part, ex.GS2AASG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
2A Surface Mount General Purpose Rectifiers
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
R R M
100
200
400
50
600
800
Marking code
GS2BAS
GS2DAS
GS2GAS
GS2AAS
GS2JAS
GS2KAS
Symbol
GS2MAS
GS2B
GS2D
GS2G
GS2A
GS2J
GS2K
GS2M
1000
100
200
400
50
600
800
1000
700
Document ID : DS-12G19
Revised Date : 2016/12
Revision : C2
GS2AAS THRU GS2MAS
-55 ~ +150
Max.
forward voltage
O
@2.0A, T = 25 C
A
V (V)
F
1.10
I
O
I
F S M
I
R
T
S T G
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 125 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
100
5.0
2.0
50
A
A
uA
O C
C
J
Diode junction capacitance
15
pF
R
θ J A
Thermal resistance
75
O C/W
Junction to ambient
f=1MHz and applied 4V DC reverse voltage
O
at T = 110 C
L
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AC / SMAS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.08 gram
Operating Junction
O
temperature T ( C)
J
Dimensions in inches and (millimeters)
■ Outline
SMAS(DO-214AC)
0.205(5.2)
0.193(4.9)
0.114(2.9)
0.098(2.5)
0.075(1.9)
0.061(1.55)
0.039 (1.0)
0.039(1.0)
0.053(1.35)
0.065(1.65)
Marking code
0.028 (0.7)
0.028(0.7)


Similar Part No. - GS2AAS

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GS2AA SUNMATE-GS2AA Datasheet
544Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
logo
Chip Integration Techno...
GS2AA CITC-GS2AA Datasheet
91Kb / 3P
2A Surface Mount General Purpose Rectifiers
logo
Yangzhou yangjie electr...
GS2AA YANGJIE-GS2AA Datasheet
139Kb / 2P
General Purpose Rectifier
logo
First Silicon Co., Ltd
GS2AA FS-GS2AA Datasheet
143Kb / 2P
General Purpose Rectifier
logo
RFE international
GS2AA RFE-GS2AA Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS2AA Through GS2MA
07-17-2020
More results

Similar Description - GS2AAS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A CTC-S2A Datasheet
108Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Chip Integration Techno...
GS2A CITC-GS2A Datasheet
91Kb / 3P
2A Surface Mount General Purpose Rectifiers
GS2AA CITC-GS2AA Datasheet
91Kb / 3P
2A Surface Mount General Purpose Rectifiers
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com