Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # GS3A
Description  3A Surface Mount General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GS3A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  GS3A Datasheet HTML 1Page - Chip Integration Technology Corporation GS3A Datasheet HTML 2Page - Chip Integration Technology Corporation GS3A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
optimize board space.
High current capability.
High surge capability.
Glass passivated chip junction inside.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
Low profile surface mounted application in order to
Suffix "G" indicates Halogen-free part, ex.GS3AG.
GS3A THRU GS3M
3A Surface Mount General Purpose Rectifiers
I
O
I
FSM
I
R
T
STG
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-50
+150
300
1.0
3.0
100
A
A
uA
OC
Operating
temperature
O
T ( C)
J
-50 ~ +150
Max.
forward voltage
O
@3A, T = 25 C
A
V (V)
F
1.10
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
GS3B
GS3D
GS3G
GS3A
GS3J
GS3K
Symbol
Max.
reverse recovery
time(1)
T (us)
rr
GS3M
GS3B
GS3D
GS3G
GS3A
GS3J
GS3K
GS3M
1000
100
200
400
50
600
800
1000
700
Note : 1. I = 0.5A, I = 1.0A , I
= 0.25A
F
R
RR
2.5
C
J
Diode junction capacitance
53
pF
R
θJA
Thermal resistance
47
OC/W
Junction to ambient
f=1MHz and applied 4V DC reverse voltage
Document ID : DS-12G07
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
SMC(DO-214AB)
Marking code
0.114 (2 .90 )
0.07 5 (1 .90 )
0.12 6 (3 .20 )
0.114 (2 .90 )
0.24 5 (6 .22 )
0.22 0 (5 .59 )
0.28 0 (7 .11)
0.26 0 (6 .60 )
0.019 (0.4 85)
MAX.
0.32 5 (8 .25 )
0.30 5 (7 .75 )
0.06 3 (1 .60 )
0.03 0 (0 .76 )
0.008 (0.2 0)
0.004 (0.1 0)
• Case : Molded plastic, DO-214AB / SMC
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.007 ounce, 0.226 gram
• Epoxy:UL94-V0 rated flame retardant


Similar Part No. - GS3A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GS3A GULFSEMI-GS3A Datasheet
182Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
logo
Shenzhen Taychipst Elec...
GS3A TAYCHIPST-GS3A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
SUNMATE electronic Co.,...
GS3A SUNMATE-GS3A Datasheet
313Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Zibo Seno Electronic En...
GS3A ZSELEC-GS3A Datasheet
105Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Suntan Capacitors
GS3A SUNTAN-GS3A Datasheet
267Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - GS3A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A CTC-S2A Datasheet
108Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Chip Integration Techno...
GS3AB CITC-GS3AB Datasheet
91Kb / 3P
3A Surface Mount General Purpose Rectifiers
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S1MFL ONSEMI-S1MFL Datasheet
205Kb / 5P
Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com