Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3AB Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # GS3AB
Description  3A Surface Mount General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GS3AB Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  GS3AB Datasheet HTML 1Page - Chip Integration Technology Corporation GS3AB Datasheet HTML 2Page - Chip Integration Technology Corporation GS3AB Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
optimize board space.
High current capability.
High surge capability.
Glass passivated chip junction inside.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
Low profile surface mounted application in order to
Suffix "G" indicates Halogen-free part, ex.GS3ABG.
GS3AB THRU GS3MB
3A Surface Mount General Purpose Rectifiers
I
O
I
FSM
I
R
T
STG
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
100
5.0
3.0
100
A
A
uA
OC
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
GS3BB
GS3DB
GS3GB
GS3AB
GS3JB
GS3KB
Symbol
GS3MB
GS3B
GS3D
GS3G
GS3A
GS3J
GS3K
GS3M
1000
100
200
400
50
600
800
1000
700
C
J
Diode junction capacitance
53
pF
R
θJA
Thermal resistance
47
OC/W
Junction to ambient
f=1MHz and applied 4V DC reverse voltage
• Case : Molded plastic, DO-214AA / SMB
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.003 ounce, 0.091 gram
• Epoxy:UL94-V0 rated flame retardant
SMB(DO-214AA)
Document ID : DS-12G15
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
Operating temperature
O
T ( C)
J
-55 ~ +150
Max.
forward voltage
O
@3.0A, T = 25 C
A
V (V)
F
1.10
Marking code
0.12 6 (3 .20 )
0.08 3 (2 .10 )
0.08 7 (2 .20 )
0.07 1 (1 .80 )
0.15 7 (4 .00 )
0.13 0 (3 .30 )
0.19 1 (4 .85 )
0.15 7 (4 .00 )
0.012 (0.3 1)
MAX.
0.22 0 (5 .60 )
0.19 7 (5 .00 )
0.06 3 (1 .60 )
0.02 8 (0 .70 )
0.008 (0.2 1)
MAX.


Similar Part No. - GS3AB

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
logo
SUNMATE electronic Co.,...
GS3AB SUNMATE-GS3AB Datasheet
142Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
139Kb / 2P
General Purpose Rectifier
logo
RFE international
GS3AB RFE-GS3AB Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS3AB Through GS3MB
07-17-2020
logo
Microdiode Semiconducto...
GS3ABF CHENDA-GS3ABF Datasheet
631Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - GS3AB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A CTC-S2A Datasheet
108Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Chip Integration Techno...
GS3A CITC-GS3A Datasheet
159Kb / 3P
3A Surface Mount General Purpose Rectifiers
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S1MFL ONSEMI-S1MFL Datasheet
205Kb / 5P
Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com