Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C32ABDR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST26C32ABDR
Description  CMOS quad tri-state differential line receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C32ABDR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST26C32ABDR Datasheet HTML 3Page - STMicroelectronics ST26C32ABDR Datasheet HTML 4Page - STMicroelectronics ST26C32ABDR Datasheet HTML 5Page - STMicroelectronics ST26C32ABDR Datasheet HTML 6Page - STMicroelectronics ST26C32ABDR Datasheet HTML 7Page - STMicroelectronics ST26C32ABDR Datasheet HTML 8Page - STMicroelectronics ST26C32ABDR Datasheet HTML 9Page - STMicroelectronics ST26C32ABDR Datasheet HTML 10Page - STMicroelectronics ST26C32ABDR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ST26C32A
Electrical characteristics
7/15
Note:
1
Unless otherwise specified, min/max limits apply across the recommended operating
temperature range. All typical are given for VCC=5V and TA = 25°C
Table 6.
Switching characteristics (VCC = 5V ± 10%, see Note 1)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
tPHL
Propagation delay input to
output
CL = 50pF, VDIFF = 2.5V, VCM = 0V
19
30
ns
tRISE
tFALL
Output rise and fall times
CL = 50pF, VDIFF = 2.5V, VCM = 0V
4
9
ns
tPZH
tPZL
Propagation enable time
to output
CL = 50pF, VDIFF = 2.5V, RL = 1000Ω
13
23
ns
tPHZ
tPLZ
Propagation disable time
to output
CL = 50pF, VDIFF = 2.5V, RL = 1000Ω
13
22
ns
DR
Data rate
CL = 50pF
VDIFF = 2.5V
All outputs loaded and switching
10
20
Mbits/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com