Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB05S Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # LMB05S
Description  0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

LMB05S Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  LMB05S Datasheet HTML 1Page - Chip Integration Technology Corporation LMB05S Datasheet HTML 2Page - Chip Integration Technology Corporation LMB05S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERS
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
1
10
100
42
35
28
25
14
7
0
100
10
1.0
0.1
.01
0
20
40
60
80
100
T =125
J
T =25
J
120
140
0.4
0.6
0.8
1.0
1.2
1.4
0.1
.01
1.0
10
100
10
1.5
10
100
1
2
REVERSE VOLTAGE, VOLTS
FIG. 5 TYPICAL JUNCTION CAPACITANCE
8.3ms
single half sine-wave
JEDEC Method
AMBIENT TEMPERATURE,
FIG.1-DERATING CURVE OUTPUT
RECTIFIED CURRENT
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
120
140
160
Aluminum substrate
P.C.B.
Glass epoxy
P.C.B.
RESISTIVE OR INDUCTIVE LOAD
T =25
Pulse with 300
s
2% duty cycle
J
T =25
f=1.0MHz
Ving=50mVp.p
J
Document ID : DS-22B47
Revised Date : 2016/07/07
Revision : C
LMB05S THRU LMB10S
0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com