Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MBR3045CT
Description  30A High Power Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MBR3045CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MBR3045CT Datasheet HTML 1Page - Chip Integration Technology Corporation MBR3045CT Datasheet HTML 2Page - Chip Integration Technology Corporation MBR3045CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
CT
•
Low power loss, high efficiency.
Suffix "G" indicates Halogen-free part, ex.MBR3040
G.
• Case : JEDEC TO-220AB molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity: Color band denotes cathode end
• Mounting Position : Any
• Weight : Approximated 2.25 gram
• Epoxy : UL94-V0 rated flame retardant.
.
.
.
.
.
MBR3040CT THRU MBR30200CT
30A High Power Schottky Barrier Rectifiers
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
150
10
0.1
30
200
A
A
mA
OC/W
OC
30
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating
temperature
O
T ( C)
J
-55 ~ +150
-55 ~ +175
Max.
forward voltage
O
@15A, T = 25 C
A
V (V)
F
0.79
0.70
0.81
0.87
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
31.5
42
45.5
28
70
105
Max.
repetitive peak
reverse voltage
V
(V)
RRM
45
60
65
40
100
150
Marking code
MBR3045CT
MBR3060CT
MBR3065CT
MBR3040CT
MBR30100CT
MBR30150CT
Symbol
Max.
forward voltage
O
@15A, T = 125 C
A
V (V)
F
0.70
0.57
0.71
0.77
MBR30200CT
MBR3045CT
MBR3060CT
MBR3065CT
MBR3040CT
MBR30100CT
MBR30150CT
MBR30200CT
200
45
60
65
40
100
150
200
0.90
0.80
140
Document ID : DS-11K59
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1
TO-220AB
Marking code
PIN 1
PIN 3
PIN 2
0.420(10.66)
0.386(9.80)
0.155(3.94)
MAX
0.624(15.87)MAX
0.226(5.75)MIN
1
2
3
0.500(12.70)MIN
0.197(5.0)MAX
0.038(0.96)
0.020(0.50)
0.110(2.80)
0.091(2.30)
0.055(1.40)
0.043(1.10)
0.028(0.70)
0.011(0.28)
0.054(1.37)
MAX
0.115(2.92)
0.081(2.05)
0.250(6.35)
MIN


Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
30A Schottky Barrier Rectifiers
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
30A Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR30100CT-J LUGUANG-LGMBR30100CT-J Datasheet
1Mb / 3P
30A High Power Schottky Barrier Rectifiers
LGSB3040CT LUGUANG-LGSB3040CT Datasheet
1Mb / 2P
30A High Power Schottky Barrier Rectifiers
LGSB3040FCT LUGUANG-LGSB3040FCT Datasheet
2Mb / 2P
30A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBRF3040CT CITC-MBRF3040CT Datasheet
100Kb / 3P
30A High Power Schottky Barrier Rectifiers
SB3040CT CITC-SB3040CT Datasheet
97Kb / 3P
30A High Power Schottky Barrier Rectifiers
SBF3040CT CITC-SBF3040CT Datasheet
98Kb / 3P
30A High Power Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com