Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3060CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # MBR3060CT
Description  30A High Power Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MBR3060CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  MBR3060CT Datasheet HTML 1Page - Chip Integration Technology Corporation MBR3060CT Datasheet HTML 2Page - Chip Integration Technology Corporation MBR3060CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
MBR3040CT THRU MBR30200CT
30A High Power Schottky Barrier Rectifiers
Percent of Rated Peak Reverse Voltage ( %)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Lead Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
30.0
25.0
20.0
15.0
10.0
5.0
Fig. 3A - Instantaneous Forward
Characteristics
Fig. 4 - Reverse Characteristics
Instantaneous Forward Voltage (Volts)
single phase half wave 60Hz
resistive or inductive load
0
0.2
0.4
0.6
0.8
1.0
O
T =25 C
J
O
T =75 C
J
O
T =100 C
J
0
20
40
60
80
10 0
12 0
140
1
10
100
T =25°C
J
T =125°C
J
MBR3040CT
Fig. 3C - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
100
50
20
10
5
2
1
0
0.2
0.4
0.6
0.8
1.0
T =25°C
J
T =125° C
J
MBR30150CT ~ MBR30200CT
Fig. 3B - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
T =25°C
J
T =125°C
J
MBR3060CT ~ MBR30100CT
240
200
160
120
80
40
0
100
10
1
100
10
1
100
10
1
0.1
0.01
0.001
MBR3040CT~MBR30100CT
MBR30150CT~MBR30200CT
Document ID : DS-11K59
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com