Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2045CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MBRB2045CT
Description  20A Surface Mount High Power Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MBRB2045CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MBRB2045CT Datasheet HTML 1Page - Chip Integration Technology Corporation MBRB2045CT Datasheet HTML 2Page - Chip Integration Technology Corporation MBRB2045CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
CT
•
Low power loss, high efficiency.
Suffix "G" indicates Halogen-free part, ex.MBRB2040
G.
MBRB2040CT THRU MBRB20200CT
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
150
10
0.1
20
150
A
A
mA
OC/W
OC
30
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating
temperature
O
T ( C)
J
-55 ~ +150
-55 ~ +175
Max.
forward voltage
O
@10A, T = 25 C
A
V (V)
F
0.79
0.70
0.81
0.87
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
31.5
42
45.5
28
70
105
Max.
repetitive peak
reverse voltage
V
(V)
RRM
45
60
65
40
100
150
Marking code
MBRB2045CT
MBRB2060CT
MBRB2065CT
MBRB2040CT
MBRB20100CT
MBRB20150CT
Symbol
Max.
forward voltage
O
@10A, T = 125 C
A
V (V)
F
0.70
0.57
0.71
0.77
MBRB20200CT
MBRB2045CT
MBRB2060CT
MBRB2065CT
MBRB2040CT
MBRB20100CT
MBRB20150CT
MBRB20200CT
200
45
60
65
40
100
150
200
0.90
0.80
140
Document ID : DS-11K64
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1
2
D PAK(TO-263)
2
• Case : Molded plastic, TO-263 / D PAK
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity: Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 1.70 gram
• Epoxy : UL94-V0 rated flame retardant.
.
.
.
20A Surface Mount High Power Schottky Barrier Rectifiers
Marking code
0.411(10.45)
0.380(9.65)
0.228(5.80)
0.173(4.40)
0.370(9.40)
0.320(8.13)
0.205(5.20)
0.189(4.80)
0.063(1.60)
0.024(0.60)
0.024(0.60)
0.011(0.28)
0.055(1.40)
0.045(1.14)
0.190(4.83)
0.160(4.06)
0~0.012(0~0.30)
0.110(2.79)
0.090(2.29)
0.055(1.40)
0.031(0.80)
PIN 1
PIN 3
PIN 2
1
3
2
0.245(6.22)
MIN


Similar Part No. - MBRB2045CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2045CT GE-MBRB2045CT Datasheet
98Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2045CT MCC-MBRB2045CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2045CT GOOD-ARK-MBRB2045CT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB2045CT VISHAY-MBRB2045CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBRB2045CT VISHAY-MBRB2045CT Datasheet
132Kb / 6P
Schottky Rectifier, 2 x 10 A
21-Aug-08
More results

Similar Description - MBRB2045CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGMBR2040BCT LUGUANG-LGMBR2040BCT Datasheet
1Mb / 3P
20A Surface Mount High Power Schottky Barrier Rectifiers
LGMBR2040CT-J LUGUANG-LGMBR2040CT-J Datasheet
1Mb / 2P
20A High Power Schottky Barrier Rectifiers
LGMBR2040FCT LUGUANG-LGMBR2040FCT Datasheet
1Mb / 2P
20A High Power Schottky Barrier Rectifiers
LGSB2040CT LUGUANG-LGSB2040CT Datasheet
1Mb / 2P
20A High Power Schottky Barrier Rectifiers
LGSB2040FCT LUGUANG-LGSB2040FCT Datasheet
2Mb / 2P
20A High Power Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SB20T80L ZSELEC-SB20T80L Datasheet
332Kb / 3P
20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR2045L ZSELEC-SR2045L Datasheet
263Kb / 3P
20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Chip Integration Techno...
MBR2040CT CITC-MBR2040CT Datasheet
99Kb / 3P
20A High Power Schottky Barrier Rectifiers
SB2040CT CITC-SB2040CT Datasheet
97Kb / 3P
20A High Power Schottky Barrier Rectifiers
SBF2040CT CITC-SBF2040CT Datasheet
98Kb / 3P
20A High Power Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com