Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7620
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7620 Datasheet(HTML) 1 Page - STMicroelectronics

  STV7620 Datasheet HTML 1Page - STMicroelectronics STV7620 Datasheet HTML 2Page - STMicroelectronics STV7620 Datasheet HTML 3Page - STMicroelectronics STV7620 Datasheet HTML 4Page - STMicroelectronics STV7620 Datasheet HTML 5Page - STMicroelectronics STV7620 Datasheet HTML 6Page - STMicroelectronics STV7620 Datasheet HTML 7Page - STMicroelectronics STV7620 Datasheet HTML 8Page - STMicroelectronics STV7620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2002
1/16
This is preliminary information on a new product now in development. Details are subject to change without notice.
Version 3.1
STV7620
PLASMA DISPLAY PANEL DATA DRIVER
PRELIMINARY DATA
FEATURES
s
96 Outputs Plasma Display Driver
s
90V Absolute Maximum Rating
s
Reduced EMI (Electro Magnetic Interference)
s
3.3V / 5V Compatible Logic
s
-40 / 30 mA Source / Sink Output Mos
s
6 Bit Data Bus (40 MHz)
s
BCD Process
s
Packaging Adapted to Customer Request
(DICE, COB, COF, TAB).
DESCRIPTION
STV7620S/M/F is a data driver for Plasma Display
Panel (PDP) designed in the ST proprietary BCD
high voltage technology. A new shape of the out-
put pulse generated by the STV7620S/M/F en-
sures a noticeable EMI reduction. Three different
versions are available with various falling edge
shapes. Using a 6 bit wide data bus, they can con-
trol 96 high current & high voltage outputs. The
STV7620S/M/F is supplied with a separated 70V
power output supply and a 5V logic supply. All
command inputs are CMOS and 3.3V logic levels
compatible.
Please contact STMicroelectronics for ordering
information concerning samples or bump version
(1) refer to timing characteristics (Section 10)
Order code (1)
Version
STV7620S
slow speed
STV7620M
medium speed
STV7620F
fast speed
1


Similar Part No. - STV7620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620WAF STMICROELECTRONICS-STV7620WAF Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
More results

Similar Description - STV7620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7697A STMICROELECTRONICS-STV7697A Datasheet
110Kb / 15P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
PLASMA DISPLAY PANEL DATA DRIVER
Jan-1999
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
Apr-2002
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
STMicroelectronics
STV7622 STMICROELECTRONICS-STV7622 Datasheet
313Kb / 32P
192 output plasma display panel data driver
29-May-2007
STV7697 STMICROELECTRONICS-STV7697 Datasheet
164Kb / 8P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com