Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH07N65CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MH07N65CT
Description  650V Silicon N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MH07N65CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MH07N65CT Datasheet HTML 1Page - Chip Integration Technology Corporation MH07N65CT Datasheet HTML 2Page - Chip Integration Technology Corporation MH07N65CT Datasheet HTML 3Page - Chip Integration Technology Corporation MH07N65CT Datasheet HTML 4Page - Chip Integration Technology Corporation MH07N65CT Datasheet HTML 5Page - Chip Integration Technology Corporation MH07N65CT Datasheet HTML 6Page - Chip Integration Technology Corporation MH07N65CT Datasheet HTML 7Page - Chip Integration Technology Corporation MH07N65CT Datasheet HTML 8Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
O
■ Absolute(T = 25 C unless otherwise specified)
C
■ Outline
Fast switching.
•
ESD improved capability.
•
Low gate charge.
•
Low reverse transfer capacitances.
•
100% single pulse avalanche energy test.
•
TO-220AB
MH07N65CT
650V Silicon N-Channel Power MOSFET
PARAMETER
Continuous Drain Current
Pulsed Drain Current(1)
Repetitive Avalanche Energy(1)
Single Pulse Avalanche Energy(2)
Power Dissipation
Maximum temperature for soldering
Drain-Source Voltage
Avalanche Current(1)
Document ID : DS-21M66
Revised Date : 2015/09/16
Revision : C1
Gate-Source Voltage
CONDITIONS
Symbol
V
D S S
T
L
I
A R
MH07N65CT
±30
450
UNIT
V
mJ
I
D
300
100
7
A
O C
I
D M
E
A S
54
28
650
3.3
A
V
G S
E
A R
W
mJ
P
D
V
O
Derating factor above 25 C
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220F molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
Continuous Drain Current
O
T = 100 C
C
4.5
0.8
O
W/ C
Operating and Storage Temperature Range
T , T
J
S T G
-55 ~ +150
O C
Gate source ESD
V
E S D ( G - S )
3000
V
HBM-C = 100pf, R = 1.5kΩ
Peak Diode Recovery dv/dt(3)
dV/dt
5.0
V/ns
NOTE : 1.Repetitive rating; pulse width limited by maximum junction temperature.
O
2.L=10.0mH, I = 10.5A, Start T = 25 C.
D
J
O
3.I
=7A,di/dt ≤100A/us, V ≤BV , Start T = 25 C.
S D
D D
D S
J
Drain
Source
Gate
Marking code
N
N
H
G
E
A
C1
F
C
D
symbol
Dimensions in inches(millimeters)
A
B
B1
C
C1
D
E
F
G
H
L
N
Q
ØP
Min
Max
10.10
10.50
15.0
16.0
8.90
9.50
4.30
4.80
2.30
3.00
1.20
1.40
0.70
0.90
0.35
0.55
1.17
1.37
3.30
3.80
12.70
14.70
2.34
2.74
2.40
3.00
3.70
3.90


Similar Part No. - MH07N65CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MH07N60CT CITC-MH07N60CT Datasheet
1Mb / 8P
600V Silicon N-Channel Power MOSFET
More results

Similar Description - MH07N65CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
logo
Microdiode Semiconducto...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
650V N-Channel Power MOSFET
logo
Dongguan City Niuhang E...
P7N65S NIUHANG-P7N65S Datasheet
913Kb / 8P
Silicon 650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com