Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7620M Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV7620M
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7620M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV7620M Datasheet HTML 5Page - STMicroelectronics STV7620M Datasheet HTML 6Page - STMicroelectronics STV7620M Datasheet HTML 7Page - STMicroelectronics STV7620M Datasheet HTML 8Page - STMicroelectronics STV7620M Datasheet HTML 9Page - STMicroelectronics STV7620M Datasheet HTML 10Page - STMicroelectronics STV7620M Datasheet HTML 11Page - STMicroelectronics STV7620M Datasheet HTML 12Page - STMicroelectronics STV7620M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STV7620S/M/F
9/16
6
CIRCUIT DESCRIPTION
STV7620S/M/F includes all the logic and power
circuits necessary to drive the Plasma Display
Panel (PDP) column of electrodes. Binary values
of each pixel of the displayed line are loaded into
the shift register by a 6 bit wide (A1 - A6) data bus.
Data is shifted at each low to high transition of the
CLK clock.
The forward /reverse (F/R) input is used to select
the direction of the shift register.
The maximum frequency of the shift clock is
40MHz. This leads to an equivalent 240 MHz seri-
al shift register for a 6 x 16 bits arrangement.
When the STB signal is Low, data are transferred
from the shift register to the latch and the power
output stages.
All the output data are kept memorised and held in
the latch stage when the latch input STB is pulled
high.
Vsssub and Vsslog must be connected as close as
possible to the logical reference ground of the ap-
plication.
STV7620S/M/F is supplied with a 5 V power sup-
ply. All the logic inputs can be driven either by 5V
CMOS logic or by 3.3V CMOS logic.
A low EMI function has been implemented: the fall-
ing edge of the outputs has 2 slopes, a smooth
one followed by a steeper one.
The smooth slopes width increases from 20ns for
the fast version to 55ns for the slow version what-
ever the external load.
Table 1: Shift register truth table
Table 2: Power output truth table
Qn+1 = A1, Qn+2 = A2, Qn+3 = A3, Qn+4 = A4, Qn+5 = A5, Qn+6 = A6, n = [0,6,12,18,...,90]
Input
Shift register function
F/R
CLK
Output Q
L
rise
Forward shift
L
H or L
Steady
H
rise
Reverse shift
H
H or L
Steady
X
X
6 bits shift register
Qn
STB
BLK
POC
Driver Output
Comments
X
X
L
X
all L
Output at low level
X
X
H
L
all H
Output at high level
X
H
H
H
Qn
Data latched
L
L
H
H
L
Data copied
H
L
H
H
H
Data copied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com