Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9526 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9526
Description  One-cell Li-ion/Li-polymer battery protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9526 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9526 Datasheet HTML 1Page - E-CMOS Corporation EC9526 Datasheet HTML 2Page - E-CMOS Corporation EC9526 Datasheet HTML 3Page - E-CMOS Corporation EC9526 Datasheet HTML 4Page - E-CMOS Corporation EC9526 Datasheet HTML 5Page - E-CMOS Corporation EC9526 Datasheet HTML 6Page - E-CMOS Corporation EC9526 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
One-cell Li-ion/Li-polymer
battery protection IC
EC9526
E-CMOS Corp. (www.ecmos.com.tw)
4C12N-Rev.P001
Page 3 of 7
PRODUCT LINEUP
Product name
Package
0V battery
charge
function
Detection / Release voltage
Detections
delay time
combination
※
Product name
Package
0V
battery
charge
function
Detections
delay time
combination
※
(Table 2)
Product name
Package
0V battery
charge
function
Vdet1
Vrel1
Vdet2
Vrel2
Vdet3
Vdet4
Detections
delay time
combination
※
EC9526A16FSR
SON6C
Permission
4.275
4.175
2.300
2.400
0.100
-0.100
1
EC9526A26FSR
SON6C
Permission
4.280
4.080
2.300
2.300
0.080
-0.100
1
EC9526A36FSR
SON6C
Permission
4.280
4.080
2.300
2.300
0.100
-0.100
1
EC9526A46FSR
SON6C
Permission
4.275
4.075
2.300
2.300
0.150
-0.100
1
EC9526A56FSR
SON6C
Permission
4.280
4.280
2.800
2.800
0.050
-0.100
1
EC9526A66FSR
SON6C
Permission
4.280
4.280
3.000
3.000
0.075
-0.100
1
EC9526A76FSR
SON6C
Permission
4.275
4.175
2.300
2.400
0.050
-0.100
1
EC9526A86FSR
SON6C
Permission
4.300
4.100
2.300
2.300
0.130
-0.100
1
EC9526B16FSR
SON6C
Permission
3.900
3.800
2.300
2.400
0.100
-0.100
1
EC9526B26FSR
SON6C
Permission
3.950
3.850
2.300
2.400
0.100
-0.100
1
EC9526B36FSR
SON6C
Permission
4.000
3.900
2.300
2.400
0.100
-0.100
1
EC9526B46FSR
SON6C
Permission
4.050
3.950
2.300
2.400
0.100
-0.100
1
EC9526B56FSR
SON6C
Permission
4.100
4.000
2.300
2.400
0.100
-0.100
1
EC9526C16FSR
SON6C
Prohibition
4.280
4.080
2.300
2.300
0.100
-0.100
1
EC9526C26FSR
SON6C
Prohibition
4.280
4.080
2.300
2.300
0.130
-0.100
1
EC9526C36FSR
SON6C
Prohibition
4.280
4.130
2.600
3.100
0.150
-0.100
1
EC9526C46FSR
SON6C
Prohibition
4.280
4.130
2.800
3.100
0.150
-0.100
1
EC9526C56FSR
SON6C
Prohibition
4.200
4.100
2.800
2.900
0.150
-0.100
1
EC9526C66FSR
SON6C
Prohibition
4.280
4.130
2.800
3.100
0.100
-0.100
1
EC9526C76FSR
SON6C
Prohibition
4.280
4.130
2.800
3.100
0.050
-0.100
1
EC9526E16FSR
SON6C
Permission
4.325
4.075
2.500
2.900
0.150
-0.100
2
EC9526F16FSR
SON6C
Prohibition
4.325
4.075
2.500
2.900
0.150
-0.100
2
EC9526G16FSR
SON6C
Permission
4.350
4.150
2.300
3.000
0.200
-0.100
3
EC9526H16FSR
SON6C
Permission
4.280
4.180
2.300
2.300
0.120
-0.100
4
EC9526H26FSR
SON6C
Permission
4.275
4.075
2.800
3.100
0.100
-0.100
4
EC9526H36FSR
SON6C
Permission
4.275
4.175
2.300
2.300
0.120
-0.100
4
EC9526H46FSR
SON6C
Permission
4.275
4.175
2.400
2.400
0.100
-0.100
4
EC9526J16FSR
SON6C
Prohibition
4.280
4.180
2.300
2.300
0.120
-0.100
4
EC9526K16FSR
SON6C
Permission
4.275
4.275
2.300
2.300
0.100
-0.100
5
EC9526K26FXR
SSON6J
Permission
4.275
4.075
2.300
2.300
0.120
-0.100
5
EC9526K26FSR
SON6C
Permission
4.275
4.075
2.300
2.300
0.120
-0.100
5
EC9526K36FXR
SSON6J
Permission
4.275
4.075
2.300
2.300
0.130
-0.100
5
EC9526K36FSR
SON6C
Permission
4.275
4.075
2.300
2.300
0.130
-0.100
5
EC9526K46FXR
SSON6J
Permission
4.275
4.075
2.300
2.300
0.150
-0.100
5
EC9526K46FSR
SON6C
Permission
4.275
4.075
2.300
2.300
0.150
-0.100
5
EC9526K56FSR
SON6C
Permission
4.275
4.275
2.300
2.300
0.050
-0.100
5
EC9526K66FXR
SSON6J
Permission
4.270
4.070
2.300
2.300
0.100
-0.100
5
EC9526K66FSR
SON6C
Permission
4.270
4.270
2.300
2.300
0.100
-0.100
5
EC9526K76FSR
SON6C
Permission
4.275
4.075
2.300
2.300
0.130
-0.130
5
EC9526K86FXR
SSON6J
Permission
4.275
4.075
2.600
2.600
0.110
-0.085
5
EC9526K86FSR
SON6C
Permission
4.275
4.075
2.600
2.600
0.110
-0.085
5
EC9526K96FSR
SON6C
Permission
4.275
4.075
2.600
2.600
0.190
-0.085
5
EC9526L16FXR
SSON6J
Permission
4.275
4.075
2.600
2.600
0.100
-0.085
5
EC9526L16FSR
SON6C
Permission
4.275
4.075
2.600
2.600
0.100
-0.085
5
EC9526L26FSR
SON6C
Permission
4.275
4.075
3.400
3.400
0.100
-0.085
5
EC9526L36FXR
SSON6J
Permission
4.275
4.075
2.600
2.600
0.180
-0.120
5
EC9526L36FSR
SON6C
Permission
4.275
4.075
2.600
2.600
0.180
-0.120
5
EC9526L56FSR
SON6C
Permission
4.350
4.150
2.300
2.300
0.130
-0.100
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com