Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS52 Datasheet(PDF) 1 Page - Picker Components

Part # PCS52
Description  DC OutPut Compact Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS52 Datasheet(HTML) 1 Page - Picker Components

  PCS52 Datasheet HTML 1Page - Picker Components PCS52 Datasheet HTML 2Page - Picker Components PCS52 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS52 Rev B 4/18/2017
1 of 4
DC OutPut Compact Solid State Relay
PCS52
OUTPUT PARAMETERS (Ta = 35°C)
Load Voltage Range
3 - 28.8 VDC
Load Current
15 A
Max. Surge Current (10 ms)
80 Apk
Max. Off-State Leakage Current
0.1 mA
Repetitive Peak Off-State Voltage
33 VDC
Max. On-State Voltage Drop
0.06 VDC
Max. Turn-On Time
1 ms Max.
Max. Turn-Off Time
2 ms Max
FEATURES
 15 A @ 3 - 28.8 VDC MOSFET Output
 Compact Package
1.520” x 1.126” (38.6mm x 28.6mm) Footprint
 DC Input: 9-30 VDC
 Panel Mount
 2,500 VAC Opto-Isolation Between Input and Output
 Screw Terminals and Quick Connects Versions
 Encapsulated, Thermally Conductive Epoxy
 RoHS Compliant
E93379
INPUT PARAMETERS (Ta = 35°C)
Control Voltage Range
9 - 30 VDC
Must Turn-Off Voltage
1 VDC
Max. Input Current @ 28.8 VDC
20 mA (DC)
Max Reverse Protection Voltage
- 30 VDC
CHARACTERISTICS
Dielectric Strength
2,500 VAC, 50 Hz/60 Hz, 1 min, Input to Base
2,500 VAC, 50 Hz/60 Hz, 1 min, Output to Base
2,500 VAC, 50 Hz/60 Hz, 1 min, Input to Output
Insulation Resistance
1,000 MΩ at 500 VDC
Operating Temperature
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Weight
35 g
ORDERING INFORMATION
Example:
PCS52
-D
-3-
-10
L
Q
Model: PCS52
Control Voltage: D: 3-30 VDC
Load Voltage: 30: 30 VDC
Load Current: 15: 15 A
Status LED : Nil: Not Included; L: Indicator LED
Terminal Type: Nil: Screw Terminal; Q: Quick Connect (1/4” Control, 3/8” Power)
Box Quantity: 100; Inner Box: 2
For Accessories and
Heat Sink see page 3


Similar Part No. - PCS52

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
PCS5035 AEROFLEX-PCS5035 Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-201-1S AEROFLEX-PCS5035-201-1S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-201-2S AEROFLEX-PCS5035-201-2S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-7 AEROFLEX-PCS5035-7 Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-901-1S AEROFLEX-PCS5035-901-1S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
More results

Similar Description - PCS52

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
DC SOLID STATE RELAY
logo
Picker Components
PCD32 PICKER-PCD32 Datasheet
342Kb / 3P
DC Output Solid State Relay
PCS32 PICKER-PCS32 Datasheet
245Kb / 2P
DC Output Solid State Relay
logo
Solid State Optronic
SMA4122 SSOUSA-SMA4122 Datasheet
222Kb / 6P
DC MOSFET Output Solid State Relay
logo
Picker Components
PCS27-DC PICKER-PCS27-DC Datasheet
241Kb / 2P
DC Output Solid State Relay
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
DC Output Solid State Relay
PCS33 PICKER-PCS33_17 Datasheet
1Mb / 3P
Solid State Relay?봎OSFET DC Voltage Output
PCS53 PICKER-PCS53 Datasheet
1Mb / 3P
DC Input Compact Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
DC Solid-State Relay
logo
celduc-relais
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com