Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS53 Datasheet(PDF) 1 Page - Picker Components

Part # PCS53
Description  DC Input Compact Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS53 Datasheet(HTML) 1 Page - Picker Components

  PCS53 Datasheet HTML 1Page - Picker Components PCS53 Datasheet HTML 2Page - Picker Components PCS53 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS53 Rev A 4/04/2017
1 of 3
DC Input Compact Solid State Relay
PCS53
OUTPUT PARAMETERS (Ta = 35°C)
Load Voltage Range
240 A: 48 - 280 VAC
380 A: 48—440 VAC
240A: 600 Vpk
Max. Transient Voltage
380 A: 800 Vpk
Load Current
10
15
20
25
Load Current Range
0.1 - 10
0.1 - 15
0.1 - 20
0.1 - 25
Max. I2t (10 ms, A2s)
78
144
312
312
Max. Surge Current (10 ms)
100 Apk 150 Apk 200 Apk 250 Apk
Max. Off-State Leakage Current
5 mA
Max. On-State Voltage Drop
1.5 VRMS
Max. Turn-On Time
Zero –Cross: 1/2 Cycles + 1 ms
Random: 1 ms
Max. Turn-Off Time
1/2 Cycles + 1 ms
Min. Off-State dv/dt
200 V/us
FEATURES
 10 A, 15 A, 20 A or 25 A Output
 Compact Package
1.520” x 1.126” (38.6mm x 28.6mm) Footprint
 DC Input: 3-32 VDC
 Panel Mount
 Built in RC Snubber Standard
 4,000 VAC Opto-Isolation Between Input and Output
 Encapsulated, Thermally Conductive Epoxy
 RoHS Compliant
E93379
INPUT PARAMETERS (Ta = 35°C)
Control Voltage Range
3 - 32 VDC
Must Turn-On Voltage
3 VDC
Must Turn-Off Voltage
1 VDC
Max. Input Current
25 mA (DC)
Max Reverse Protection Voltage
- 32 VDC
CHARACTERISTICS
Dielectric Strength
2,500 VAC, 50 Hz/60 Hz, 1 min, Input to Base
2,500 VAC, 50 Hz/60 Hz, 1 min, Output to Base
4,000 VAC, 50 Hz/60 Hz, 1 min, Input to Output
Insulation Resistance
1,000 MΩ at 500 VDC
Operating Temperature
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Weight
35 g
ORDERING INFORMATION
Example:
PCS53
-D
-240A
-10
Z
L
Q
Model: PCS53
Control Voltage: D: 3-32 VDC
Load Voltage: 240A: 48-280 VAC; 380A: 48-440 VAC
Load Current: 10: 10 A; 15: 15 A; 20: 20 A; 25: 25 A
Switching Type: Z: Zero Crossing; R: Random Turn-On
RC Snubber: Nil: Built In
Status LED : Nil: Not Included; L: Indicator LED
Terminal Type: Nil: Screw Terminal; Q: Quick Connect (1/4” Control, 3/8” Power)
Box Quantity: 100; Inner Box: 2
For Accessories and
Heat Sink see page 3


Similar Part No. - PCS53

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
PCS5035 AEROFLEX-PCS5035 Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-201-1S AEROFLEX-PCS5035-201-1S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-201-2S AEROFLEX-PCS5035-201-2S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-7 AEROFLEX-PCS5035-7 Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-901-1S AEROFLEX-PCS5035-901-1S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
More results

Similar Description - PCS53

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCC10506 CELDUC-SCC10506 Datasheet
263Kb / 2P
DC Solid State Relay
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
DC SOLID STATE RELAY
SPD03505 CELDUC-SPD03505 Datasheet
73Kb / 2P
DC Solid State Relay
STD03205 CELDUC-STD03205 Datasheet
73Kb / 2P
DC Solid State Relay
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
AC/DC Input Solid State Relay
PCS34-DC PICKER-PCS34-DC Datasheet
1Mb / 3P
DC Input Solid State Relay
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
DC OutPut Compact Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
DC Solid-State Relay
logo
celduc-relais
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
DC Solid State Relay
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com