Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1265 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC1265
Description  800 mA Fixed-Output CMOS LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC1265 Datasheet HTML 8Page - Microchip Technology TC1265 Datasheet HTML 9Page - Microchip Technology TC1265 Datasheet HTML 10Page - Microchip Technology TC1265 Datasheet HTML 11Page - Microchip Technology TC1265 Datasheet HTML 12Page - Microchip Technology TC1265 Datasheet HTML 13Page - Microchip Technology TC1265 Datasheet HTML 14Page - Microchip Technology TC1265 Datasheet HTML 15Page - Microchip Technology TC1265 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 2004 Microchip Technology Inc.
DS21376C-page 13
TC1265
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X.XX
XX
Package
Voltage
Option
Device
Device
TC1265 Fixed Output CMOS LDO with Shutdown
Voltage Option:*
1.8V
=
1.8V
2.5V
=
2.5V
3.0V
=
3.0V
3.3V
=
3.3V
* Other output voltages are available. Please contact your
local Microchip sales office for details.
Package
AT
=
Plastic (TO-220), 5-Lead
ET
=
Plastic Transistor Outline (DDPAK), 5-Lead
ETTR
=
Plastic Transistor Outline (DDPAK), 5-Lead,
Tape and Reel
OA
=
Plastic SOIC, (150 mil Body), 8-lead
OATR =
Plastic SOIC, (150 mil Body), 8-lead,
Tape and Reel
Examples:
a)
TC1265-1.8VAT
1.8V LDO, TO-220-5 pkg.
b)
TC1265-2.5VAT
2.5V LDO, TO-220-5 pkg.
c)
TC1265-3.0VAT
3.0V LDO, TO-220-5 pkg.
d)
TC1265-3.3VAT
3.3V LDO, TO-220-5 pkg.
a)
TC1265-1.8VETTR 1.8V LDO, DDPAK-5 pkg.,
Tape and Reel
b)
TC1265-2.5VETTR 2.5V LDO, DDPAK-5 pkg.,
Tape and Reel
c)
TC1265-3.0VETTR 3.0V LDO, DDPAK-5 pkg.,
Tape and Reel
d)
TC1265-3.3VETTR 3.3V LDO, DDPAK-5 pkg.,
Tape and Reel
a)
TC1265-1.8VOA
1.8V LDO, SOIC-8 pkg.
b)
TC1265-1.8VOATR 1.8V LDO, SOIC-8 pkg.,
Tape and Reel
c)
TC1265-2.5VOA
2.5V LDO, SOIC-8 pkg.
d)
TC1265-2.5VOATR 2.5V LDO, SOIC-8 pkg.,
Tape and Reel
e)
TC1265-3.0VOA
3.0V LDO, SOIC-8 pkg.
f)
TC1265-3.0VOATR 3.0V LDO, SOIC-8 pkg.,
Tape and Reel
g)
TC1265-3.3VOA
3.3V LDO, SOIC-8 pkg.
h)
TC1265-3.3VOATR 3.3V LDO, SOIC-8 pkg.,
Tape and Reel
XX
Tape and
Reel
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com