Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC792-2 Datasheet(PDF) 1 Page - Picker Components

Part # SC792-2
Description  4 / 5 Pin Mini ISO Automotive Relay Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

SC792-2 Datasheet(HTML) 1 Page - Picker Components

  SC792-2 Datasheet HTML 1Page - Picker Components SC792-2 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
SC792 Rev F 9/14/2017
1 of 2
4 / 5 Pin Mini ISO Automotive Relay Socket
SC792
For use with, PC792A,
PC792C and PC792H
-1 For Relay
ORDERING INFORMATION
Part Number
Description
Terminal Form
SC792-1
5 Pin Connector without Mounting Bracket for Wire Harness.
Crimp 1A,1C
SC792-2
5 Pin Connector for Relay Or Flasher without Mounting Bracket for Wire Harness.
Crimp 1A,1C
SC792-3
5 Pin Connector with Mounting Bracket for Wire Harness.
Crimp 1A,1C
SC792-1-5PIN-4Wire
5 Pin Connector with 4 Wire Harness, without Mounting Bracket, SPST,
12” Wire Leads, 14 awg at Load Contacts 30 and 87,
18 awg at Coil Contacts 85 and 86.
——
1A
SC792-1-5PIN-5Wire
5 Pin Connector with 5 Wire Harness without Mounting Bracket, SPDT,
12” Wire Leads, 14 awg at Load Contacts 30, 87 and 87a,
18 awg at Coil Contacts 85 and 86.
—— 1A,1C
SC792-3-5PIN-4Wire
5 Pin, 4 Wire with Wall Mount Bracket, SPST, 12” Wire Leads,
14 awg at Load Contacts 30 and 87,
18 awg at Coil Contacts 85 and 86.
——
1A
SC792-3-5PIN-5Wire
5 Pin, 5 Wire with Wall Mount Bracket, SPDT,
12” Wire Leads, 14 awg at Load Contacts 30, 87 and 87a,
18 awg at Coil Contacts 85 and 86.
—— 1A,1C
-3 With Bracket
-2 For Relay or Flasher
-1-5PIN-4WIRE
-1-5PIN-5WIRE
-3-5PIN-4WIRE
-3-5PIN-5WIRE
FEATURES
 Mini ISO Automotive Relay Socket
 Heat Stabilized Thermoplastic
 -40 to 140ºC Operating Temperature
 For Use with Wire Harnessing
 Seven Versions
Socket Only
-1 No Mounting Bracket for Relay
-2 No Mounting Bracket for Relay or Flasher
-3 With Mounting Bracket for Relay
With 12” Wire Leads
-1-5PIN-4Wire No Mounting Bracket for Relay
-1-5PIN-5Wire No Mounting Bracket for Relay
-3-5PIN-4Wire With Mounting Bracket for Relay
-3-5PIN-5Wire With Mounting Bracket for Relay


Similar Part No. - SC792-2

ManufacturerPart #DatasheetDescription
logo
Picker Components
SC792-2 PICKER-SC792-2 Datasheet
548Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
More results

Similar Description - SC792-2

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
Power Mini ISO Automotive Relay
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
SC782 PICKER-SC782 Datasheet
516Kb / 2P
4 / 5 Pin Micro ISO Automotive Relay Socket
SC792 PICKER-SC792 Datasheet
548Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
SC795 PICKER-SC795 Datasheet
411Kb / 2P
4 / 5 Pin Maxi ISO Automotive Relay Socket
SC782 PICKER-SC782_17 Datasheet
752Kb / 2P
4 / 5 Pin Micro ISO Automotive Relay Socket
SC792-C3 PICKER-SC792-C3 Datasheet
514Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
SC792-PCB PICKER-SC792-PCB Datasheet
744Kb / 1P
4 / 5 Pin Mini ISO Automotive Relay PCB Socket
SC795 PICKER-SC795_17 Datasheet
449Kb / 3P
4 / 5 Pin Maxi ISO Automotive Relay Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com