Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC795-4PIN Datasheet(PDF) 3 Page - Picker Components

Part # SC795-4PIN
Description  4 / 5 Pin Maxi ISO Automotive Relay Socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

SC795-4PIN Datasheet(HTML) 3 Page - Picker Components

  SC795-4PIN Datasheet HTML 1Page - Picker Components SC795-4PIN Datasheet HTML 2Page - Picker Components SC795-4PIN Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
SC795 Rev C 7/05/2016
3 of 3
DIMENSIONS (inches/mm)
SC795
SC795
SC795-5PIN
SC795-4PIN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com