Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC792-Plug Datasheet(PDF) 2 Page - Picker Components

Part # SC792-Plug
Description  4 / 5 Pin Mini ISO Automotive Relay Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

SC792-Plug Datasheet(HTML) 2 Page - Picker Components

  SC792-Plug Datasheet HTML 1Page - Picker Components SC792-Plug Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
SC792-C3 Rev B 7/05/2016
2 of 2
DIMENSIONS (inches / mm)
SC792-C3
SC792-C3
Part Number
“X”
“Y”
“Z”
Color
SC792-Seal-18-Orange
0.060 0.150 0.429 Orange
SC792-Seal-14-16-Grey
0.090 0.190 0.396
Grey
SC792-Seal-14-16-Yellow 0.130 0.230 0.376 Yellow
SC792-Plug
N/A
N/A 0.353
Grey
TERMINAL COMPATIBILITY
Order From
Part Number
AWG
Blade
TE Connectivity
42100
14-18
1/4"
TE Connectivity
42281
14-18
1/4"
TE Connectivity
42904
12-16
1/4"
TE Connectivity
60249
12-16
1/4"
TE Connectivity
60253
12-14
1/4"
Picker Components references these terminals to be
used with our *Automotive Series Connectors. Current
capability of the terminals depends on the gauge of wire
used, the quality of the crimp, the addition of solder or a
weld, operating conditions, temperature cycling, etc.
Terminals to be purchased separately.
-C3 Socket
Seals and Plug



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com