Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM006 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM006
Description  Primary PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM006 Datasheet(HTML) 4 Page - STMicroelectronics

  TSM006 Datasheet HTML 1Page - STMicroelectronics TSM006 Datasheet HTML 2Page - STMicroelectronics TSM006 Datasheet HTML 3Page - STMicroelectronics TSM006 Datasheet HTML 4Page - STMicroelectronics TSM006 Datasheet HTML 5Page - STMicroelectronics TSM006 Datasheet HTML 6Page - STMicroelectronics TSM006 Datasheet HTML 7Page - STMicroelectronics TSM006 Datasheet HTML 8Page - STMicroelectronics TSM006 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSM006
Electrical Characteristics
4/13
3
Electrical Characteristics
Tamb = 25°C, Vin=15V, Rt=39k, Ct=470pF, Rex=27k, Cfm=1nF unless otherwise specified
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Main oscillator
Fosco
FoscL
Lower oscillating frequency
Upper oscillating frequency
8
≤Vin≤20V, 0≤Ta≤105°C
Vfm=GND
Vfm=Vref
63
57.6
68
62
73
66.4
kHz
kHz
Fjit
Frequency jitter
Fjit=Fosco - FoscL
6
7
8
kHz
Ffm
Frequency modulation
4.5
kHz
Vthct
Upper trip point
Vfm=GND
3.0
V
Vtlct
Lower trip point
Vfm=GND
1.4
V
∆Vct
Amplitude
Vfm=GND
1.6
V
Idct1
Discharge current
Vct=2V
300
µA
Idct2
Current at Ct in UVLO
Vct=1V
1
3
mA
Disable
Vdis
Voltage threshold
2.5
2.65
2.8
V
Vref reference pin
Vref
Voltage reference
4.91
5.00
5.09
V
∆Vline
Line regulation
12V
≤ Vin ≤ 20V
5
10
mV
∆Vload
Load regulation
1mA
≤ Iref ≤ 5mA
10
20
mV
∆Vtotal
Total variation
Line, load, temp
4.85
5.00
5.15
V
Ios
Short circuit current
Vref=0
10
mA
Slope Compensation
IsinkCP
Sink current
Vct=2.2V, VCslope=1V
90
µA
IsrcCP
Source current
Vct=2.2V, VCslope=0V
2
mA
Comp
Icomp
Source current
Vcomp=5V
0.5
0.6
0.7
mA
Current sense
Avcs
Gain
0V
≤ Vcs ≤ 0.8V
2.85
3.00
3.15
Vz1
Maximum sensing voltage
Vcomp=5V
0.9
1.0
1.1
V
PSRR
Power supply voltage rejection ratio
8V
≤ Vin ≤ 20V
70
dB
Leading edge blanking
LEB
Delay to output
Vcs = 0 to 2 V
Vcomp=2V
280
ns
Output
VOL1
Output low voltage 1
Iosink=20mA
1.0
V
VOL2
Output low voltage 2
Iosink=200mA
0.8
2.2
V
VOH1
Output high voltage 1
Iosource=20mA
Vin-2.0
V
VOH2
Output high voltage 2
Iosource=200mA
Vin-3.0
V
tr
Rise time
CL=1nF, 10% to 90%
70
100
ns
tf
Fall time
CL=1nF, 90% to 10%
40
60
ns
VOL3
UVLO saturation
Vin=5V, Iosink=1mA
0.5
V
Fout
Output frequency
Option 1
Fosc
kHz
DCmax
Maximum Duty Cycle
Option 1
77.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com