Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM006ID Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM006ID
Description  Primary PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM006ID Datasheet(HTML) 2 Page - STMicroelectronics

  TSM006ID Datasheet HTML 1Page - STMicroelectronics TSM006ID Datasheet HTML 2Page - STMicroelectronics TSM006ID Datasheet HTML 3Page - STMicroelectronics TSM006ID Datasheet HTML 4Page - STMicroelectronics TSM006ID Datasheet HTML 5Page - STMicroelectronics TSM006ID Datasheet HTML 6Page - STMicroelectronics TSM006ID Datasheet HTML 7Page - STMicroelectronics TSM006ID Datasheet HTML 8Page - STMicroelectronics TSM006ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSM006
Block Diagram
2/13
1
Block Diagram
PIN DESCRIPTION
Pgnd
Vin
Out
Comp
Ss
Rt/Ct
Vref
Cs
Vin
Vref_Status
Standby
REX
Rb
Frequency mod.
0.5V
Rex
BS
Vref
Fm
DIS
UVLO
Cref
Icomp
600µA
Thermal
Shutdown
Ct
R
S
Q
!Q
Cs_Latch
R
S
Q
!Q
Start up_Latch
Css
Comp_Hiccup
28V
Current source
Disable_Latch
Hiccup_Latch
Burst_Latch
LEB
Comp Clamp = Vss
Slop_Compensation
Soft start
Comp_Osc
Iiss
10µA
Idss1
1µA
Idss2
1mA
Vref
R
2R
Comp_Cs
1V
Cfm
BL
Cslope
14
4
6
3
8
2
1
5
12
7
11
10
9
13
Rt
Vref
Idct1
300µA
Name
SO14
Type
Function
RT/CT
1
Timing capacitor
Sets the oscillator frequency and maximum duty cycle
FM
2
Analog input
Frequency modulation
CS
3
Analog input
Current sense.
BL
4
Analog output
Burst level
SS
5
Timing capacitor
Soft start and hiccup timing, latched disable input.
COMP
6
Analog input
Current comparator for current mode control.
BS
7
Output input
Burst mode status
CSLOPE
8
Analog output
Slope compensation
PGND
9
Power supply
Power ground
OUT
10
Analog output
Totem pole output to direct drive a power MOSFET.
VIN
11
Power supply
Supply input voltage.
VREF
12
Analog output
+5V Voltage reference
REX
13
Analog input
External resistor for internal constant current
DIS
14
Analog input
Latched disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com