Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLL170-2P430 Datasheet(PDF) 2 Page - SICK AG

Part # WLL170-2P430
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLL170-2P430 Datasheet(HTML) 2 Page - SICK AG

  WLL170-2P430 Datasheet HTML 1Page - SICK AG WLL170-2P430 Datasheet HTML 2Page - SICK AG WLL170-2P430 Datasheet HTML 3Page - SICK AG WLL170-2P430 Datasheet HTML 4Page - SICK AG WLL170-2P430 Datasheet HTML 5Page - SICK AG WLL170-2P430 Datasheet HTML 6Page - SICK AG WLL170-2P430 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLL170-2P430 | WLL170-2
FIBER-OPTIC SENSORS AND FIBERS
Illustration may differ
Ordering information
Type
Part no.
WLL170-2P430
6029514
Other models and accessories
www.sick.com/WLL170-2
Detailed technical data
Features
Sensor/detection principle
Fiber-optic photoelectric sensor
Dimensions (W x H x D)
10.5 mm x 35.5 mm x 83.7 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 mm ... 4,000 mm, Through-beam system 1)
Sensing range
0 mm ... 160 mm, Proximity system 2) 3)
0 mm ... 700 mm, Through-beam system 4)
Focus
 5)
Type of light
Visible red light
Light source
LED 6)
Angle of dispersion
Approx. 65° 5)
Wave length
660 nm
Adjustment
Potentiometer, 10 turns
Time type
Off delay
Delay time
Selectable by sliding switch, 40 ms
Indication
LED
1) LL3-TB02 and tip adapter LL3-TA01.
2) Objects to be sensed with 90% reflectivity (based on DIN 5033 white standard). Sensing range depends on fiber-optic cable.
3) LL3-DK06.
4) LL3-TB01.
5) See LL3 fiber-optic data.
6) Average service life: 100,000 h at TU = +25 °C.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-08-07 15:48:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com