Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2819 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2819
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2819 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2819 Datasheet HTML 1Page - Texas Instruments UCC2819 Datasheet HTML 2Page - Texas Instruments UCC2819 Datasheet HTML 3Page - Texas Instruments UCC2819 Datasheet HTML 4Page - Texas Instruments UCC2819 Datasheet HTML 5Page - Texas Instruments UCC2819 Datasheet HTML 6Page - Texas Instruments UCC2819 Datasheet HTML 7Page - Texas Instruments UCC2819 Datasheet HTML 8Page - Texas Instruments UCC2819 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC2819, UCC3819
PROGRAMMABLE OUTPUT
POWER FACTOR PREREGULATOR
SLUS482B - APRIL 2001 − REVISED DECEMBER 2004
1
www.ti.com
D Controls Boost Preregulator to Near-Unity
Power Factor
D World Wide Line Operation
D Over-Voltage Protection
D Accurate Power Limiting
D Average Current Mode Control
D Improved Noise Immunity
D Improved Feed-Forward Line Regulation
D Leading Edge Modulation
D 150-µA Typical Start-Up Current
D Low-Power BiCMOS Operation
D 10.8-V to 17-V Operation
D Programmable Output Voltage (Tracking
Boost Topology)
description
The UCC2819/UCC3819 provides all the functions necessary for active power factor corrected preregulators.
The controller achieves near unity power factor by shaping the ac-input line current waveform to correspond
to that of the ac-input line voltage. Average current mode control maintains stable, low distortion sinusoidal line
current.
Designed in Texas Instrument’s BiCMOS process, the UCC3819 offers new features such as lower start-up
current, lower power dissipation, overvoltage protection, a shunt UVLO detect circuitry and a leading-edge
modulation technique to reduce ripple current in the bulk capacitor.
The UCC3819 allows the output voltage to be programmed by bringing out the error amplifier noninverting input.
Available in the 16-pin D, DW, N, and PW packages.
block diagram
UDG-01009
VREF
9
2
16
1
15
10
5
4
DRVOUT
GND
CAI
VCC
OVP/EN
VAOUT
1.9 V
PKLMT
7.5 V
REFERENCE
UVLO
10.2 V/9.7 V
VCC
3
OSCILLATOR
12
RT
14
CT
SQ
R
PWM
LATCH
+
−
PWM
CAOUT
+
−
+
−
+
−
VOLTAGE
ERROR AMP
8.0 V
7
11
VSENSE
VFF
8
IAC
6
MOUT
MIRROR
2:1
X
2
+
−
ENABLE
OVP
÷
X
X
MULT
OSC
CLK
CLK
CURRENT
AMP
+
−
0.33 V
ZERO POWER
R
+
−
13
VAI
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DW, N, and PW PACKAGES
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
PKLMT
CAOUT
CAI
MOUT
IAC
VAOUT
VFF
DRVOUT
VCC
CT
VAI
RT
VSENSE
OVP/EN
VREF


Similar Part No. - UCC2819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI1-UCC2819 Datasheet
420Kb / 16P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI2-UCC2819 Datasheet
318Kb / 15P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
REVISED DECEMBER 2004
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819A TI2-UCC2819A Datasheet
612Kb / 21P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
OCTOBER, 2003
UCC2819AD TI-UCC2819AD Datasheet
508Kb / 21P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1852 TI-UC1852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
BiCMOS POWER FACTOR PREREGULATOR
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
High Power Factor Preregulator
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com