Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG1007 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # UG1007
Description  ULTRA FAST GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

UG1007 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  UG1007 Datasheet HTML 1Page - Lite-On Technology Corporation UG1007 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Test condition of TRR:IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
UG1001 thru UG1007
FEATURES
Glass passivated chip
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
Easily cleaned with Freon, Alcohol, Chlorothene and
similar solvents
Plastic material has UL flammabitily classification
94V-0
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.012 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
UG1003
200
140
200
UG1001
50
35
50
UG1007
1000
700
1000
UG1002
100
70
100
UG1006
800
560
800
UG1005
600
420
600
UG1004
400
280
400
Maximum Average Forward
Rectified Current
@TA
=55 C
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=100 C
@TJ=25 C
1.0
30
1.0
5
100
,TJ
TSTG
Storage / Operating Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
40
C/W
CJ
Typical Junction
Capacitance (Note 2)
20
pF
uA
V
A
A
V
UNIT
V
V
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
5.20
-
4.10
0.71
2.00
2.70
0.86
DO-41
A
C
D
A
B
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 1)
TRR
1.3
1.7
50
10
75
ns
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
ULTRA FAST
GLASS PASSIVATED RECTIFIERS
SEMICONDUCTOR
LITE-ON
REV. 2, 01-Dec-2000, KDFC01


Similar Part No. - UG1007

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UG1007 ZSELEC-UG1007 Datasheet
87Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UG1007

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
UF1001G CTC-UF1001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF2001G CTC-UF2001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF3001G CTC-UF3001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
GUS5A CTC-GUS5A Datasheet
203Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF1001G CTC-UF1001G_15 Datasheet
54Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF3001G CTC-UF3001G_15 Datasheet
54Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF2001G CTC-UF2001G_15 Datasheet
53Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
MUR405EG HY-MUR405EG_17 Datasheet
137Kb / 3P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF3001EG HY-UF3001EG Datasheet
433Kb / 3P
Ultra Fast Glass Passivated Rectifiers
MUR405EG HY-MUR405EG_V01 Datasheet
415Kb / 3P
Ultra Fast Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com