Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB751S Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # RB751S
Description  30mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

RB751S Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  RB751S Datasheet HTML 1Page - Chip Integration Technology Corporation RB751S Datasheet HTML 2Page - Chip Integration Technology Corporation RB751S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
0
10
1
2
4
6
8
10
12
14
REVERSE VOLTAGE : V
FIG.3-TYPICAL TERMINALS CAPACITANCE
100
FIG.2 - TYPICAL REVERSE
CHARACTERISTICS
0.1u
10n
1n
100u
10u
1.0u
0
5
10
15
20
25
30
35
REVERSE VOLTAGE , (V)
o
125 C
o
75 C
o
25 C
o
-25 C
Typ. pulse
measurement
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T = 75
J
OC
T = 25
J
OC
T = -25
J
OC
1m
10m
100m
pu lse mea surem en t
1u
10u
100u
1000m
Typ.
CHARACTERISTICS
FIG.1-TYPICAL FORWARD
FORWARD VOLTAGE,(V)
30mA Surface Mount Small Signal Diodes
Document ID : DS-22K1D
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
RB751S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com