Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBF1065CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # SBF1065CT
Description  10A High Power Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SBF1065CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  SBF1065CT Datasheet HTML 1Page - Chip Integration Technology Corporation SBF1065CT Datasheet HTML 2Page - Chip Integration Technology Corporation SBF1065CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig. 3 - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
100
10
1.0
0.1
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Reverse Characteristics
T =25° C
J
T =75° C
J
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
T =100° C
J
SBF1040CT
SBF1060CT
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Lead Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
12
10
8.0
6.0
4.0
2.0
RESISTIVE OR INDUCTIVE LOAD
single phase half wave 60Hz
resistive or inductive load
1
10
100
150
125
100
75
50
25
0
SBF1040CT THRU SBF1065CT
10A High Power Schottky Barrier Rectifiers
Document ID : DS-11K69
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com