Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG1001 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # UG1001
Description  ULTRA FAST GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

UG1001 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  UG1001 Datasheet HTML 1Page - Lite-On Technology Corporation UG1001 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
UG1001 thru UG1007
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
40
Pulse width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
0.6
0.1
50
0.2
1.0
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
0.8
0.4
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
2.0
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.2
0.4
1.2
1.4
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
UG1001 to UG1004
UG1005 to UG1007
UG1004
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
100
10
1.0
UG1005 to UG1007
UG1001 to UG1004
4
TJ = 25 C, f = 1MHz
REV. 2, 01-Dec-2000, KDFC01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com