Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM511 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM511
Description  COM Express Type 6 Module with 7th Gen Intel Core i7/i5/i3 Processor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM511 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM511 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
79
* All specifications and photos are subject to change without notice.
Quick installation guide
Standard
CEM511PG-i7-7600U
COM Express Type 6 module with Intel® Core™ i7-7600U,
DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM511PG-i5-7300U
COM Express Type 6 module with Intel® Core™ i5-7300U,
DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM511PG-i3-7100U
COM Express Type 6 module with Intel® Core™ i3-7100U,
DDI/LVDS, GbE LAN, USB 3.0 and TPM
Optional
CEB94006
(P/N: E394006100)
ATX form factor Type 6 evaluation board
TS007-CEM501
(P/N: E39J007100)
CEM501 Heatsink w/fan
5078D501200E
CEM501 Heatspreader
CPU
7th generation Intel® Core™ processor: i7-7600U,
i5-7300U, i3-7100U (Kabylake-U) onboard
System Memory
2 x 260-pin DDR4-2133 SO-DIMM, up to 32GB
Chipset
SoC integrated
BIOS
AMI uEFI
SSD
N/A
Watchdog Timer
65536 levels, 0~65535 sec.
Expansion Interface
6 lanes of PCI Express Gen. 3.0
Battery Lithium
N/A
Power Input
ATX: +12V, +5VSB
AT: +12V
Size
95 x 95 mm
Board Thickness
2.0 mm
Temperature
-40°C ~ +85°C (-40°F ~ +185°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Vibration
3.5 Grms
MIO
1 x LPC interface
1 x SPI interface
2 x Serial TX/RX
1 x I
2C interface
SATA
3 x SATA-600
Hardware Monitoring
Yes
Ethernet
1 port as 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® i219LM
Audio
HD link interface to baseboard for Codec
USB
4 x USB 3.0 and 8 x USB 2.0
TPM
Yes
SMBus
Yes
Digital I/O
4 channels IN & 4 channels OUT (SDIO optional)
Smart Battery
Yes
Chipset
Intel® Gen 9 Graphics Engine
support Gfx - DX12.0, OCL2.0, OGL4.3
Display Interface
2 x DDI (DP/HDMI/DVI). The 2nd DDI could be configured to
VGA (optional)
1 x LVDS; 18/24-bit dual channel (eDP optional)
CEM511
COM Express Type 6 Module with 7th Gen Intel® Core™ i7/i5/i3 Processor
I/O
Packing List
Core System
Display
Ordering Information
COM Express
interface connector
Rear view
7th gen Intel®
Core™ processor
2 x DDR4 SO-DIMM
Features
● 7th gen Intel® Core™ i7/i5/i3 processor (Kabylake-U)
● 2 DDR4-2133 SO-DIMM, up to 32GB
● Max. up to 6 lanes of PCI Express
● 3 SATA-600
● 4 USB 3.0 and 8 USB 2.0
● AXView 2.0 intelligent remote management software
NEW
AXView
DDR4
DDR4
DDR4
USB 3.0
USB
USB
TripleView
Full Solid
Cap Design
Low Power
AiRD


Similar Part No. - CEM511

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM511 AXIOMTEK-CEM511 Datasheet
406Kb / 1P
COM Express Type 6 Application Board with LVDS, VGA, DDI, Dual LANs and Audio
CEM511 AXIOMTEK-CEM511 Datasheet
376Kb / 2P
COM Express Type 6 Application Board with MXM Slot
Jul. 29, 2019.
CEM511 AXIOMTEK-CEM511 Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
CEM511PG-CEL-3965U AXIOMTEK-CEM511PG-CEL-3965U Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
CEM511PG-I3-7100U AXIOMTEK-CEM511PG-I3-7100U Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
More results

Similar Description - CEM511

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
logo
Axiomtek Co., Ltd.
CEM500 AXIOMTEK-CEM500_17 Datasheet
307Kb / 1P
COM Express Type 6 Module with Intel Xeon and 6th Gen Intel짰 Core i7/i5/i3 Processor
CEM501 AXIOMTEK-CEM501_17 Datasheet
245Kb / 1P
COM Express Type 6 Module with 6th Gen Intel Core i7/i5/i3 and Celeron Processor
CEM860 AXIOMTEK-CEM860_17 Datasheet
267Kb / 1P
COM Express Type 6 Module with Intel Core i7/i5/i3 and Intel QM67
CEM880 AXIOMTEK-CEM880_17 Datasheet
238Kb / 1P
COM Express Type 6 Module with 5th Gen Intel Core i7 & 4th Inte Core i7/i5/i3 & Celeron짰 Processor and Intel QM87
CEM881 AXIOMTEK-CEM881_17 Datasheet
203Kb / 1P
COM Express Type 6 Compact Module with 5th/4th Gen Intel Core i7/i5/i3
PICO512 AXIOMTEK-PICO512 Datasheet
376Kb / 1P
Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 & Celeron Processor
logo
DFI Inc
KH960-HM175 DFI-KH960-HM175 Datasheet
838Kb / 2P
7th Gen Intel Core Processor COM Express Basic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com