Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO511 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO511
Description  Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 and Celeron짰 Processor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO511 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO511 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
151
* All specifications and photos are subject to change without notice.
Standard
PICO511LG-i7-7600U
(P/N: E38H511103)
Pico-ITX SBC with Intel® Core™ i7-7600U, LVDS, 1 GbE
LAN, 1 USB
PICO511LG-i5-7300U
(P/N: E38H511102)
Pico-ITX SBC with Intel® Core™ i5-7300U, LVDS, 1 GbE
LAN, 1 USB
PICO511LG-i3-7100U
(P/N: E38H511101)
Pico-ITX SBC with Intel® Core™ i3-7100U, LVDS, 1 GbE
LAN, 1 USB
PICO511LG-Celeron-3965U
(P/N: E38H511100)
Pico-ITX SBC with Intel® Celeron® 3965U, LVDS, 1 GbE
LAN, 1 USB
Optional
AX93A00
(P/N:E393A00100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x VGA, 1 x Audio
AX93A01
(P/N:E393A01100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x HDMI, 1 x Gigabit LAN
AX93A02
(P/N: E393A02100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x Audio
AX93A09
(P/N: E393A09100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0,
1 x Audio
Ordering Information
MIO
N/A
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® i219LM
Audio
N/A
USB
1 x USB 2.0
SMBus/I
2C
Yes, for advanced monitoring/control
Digital I/O
N/A
TPM
ST ST33TPM12LPC with compliant
CPU
7th generation Intel® i7/i5/i3 & Celeron® processor
onboard
System Memory
1 x 260-pin DDR4-2133 SO-DIMM, up to 16GB
Chipset
N/A
BIOS
AMI
SSD
N/A
Watchdog Timer
65535 levels, 1 ~ 65535 sec.
Expansion Interface
1 x full-size PCI Express Mini Card with mSATA supported
1 x half-size PCI Express Mini Card
1 x PCIex1, 1 x LPC, 1 x DDI, 4 x USB 3.0, 1 x HD audio and
1 x SMBus (through expansion connector)
Battery Lithium
Lithium 3V /220 mAH
Power Input
1 x 4-pin connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
i7-7600U: +12V @ 2.5A
i5-7300U: +12V @ 2.3A
i3-7100U: +12V @ 2.2A
CEL-3965U: +12V @ 1.7A
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ +158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Chipset
Intel® HD graphics
Memory Size
Share system memory
Display Interface
1 x LVDS; 18/24-bit single/dual channel
PICO511
Pico-ITX SBC with 7th Gen Intel® Core™ i7/i5/i3 and Celeron® Processor,
LVDS and LAN
NEW
Core System
I/O
Packing List
Standard
Quick installation guide, user’s manual/utility CD and accessories
Accessories
Part Number
Description
8593A071010
AX93A07 I/O board
59403208000E
SATA cable
594P8800600E
SATA power cable
594P8802810E
USB cable
59190400500E
Fan cable
5078H511000E
Heatspreader
5078H500100E
Cooler
Display
Features
7th gen Intel® Core™ i7/i5/i3 and Celeron® processor
1 DDR4-2133 SO-DIMM, up to 16GB
2 PCI Express Mini Cards
Intel® AMT 11 supported
Rear view
Assembly view
SATA
Half-size
PCI Express
Mini Card
Full-size
PCI Express
Mini Card
with mSATA
supported
HD audio, LPC, power
on/off, reset, LED
4 x USB 3.0, 1 x PCIe, DDI
DDR4 SO-DIMM
+12V power input
LVDS
Ethernet
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
+12V
DDR4
DDR4
DDR4
Updated Aug. 31, 2017.


Similar Part No. - PICO511

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO512 AXIOMTEK-PICO512 Datasheet
376Kb / 1P
Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 & Celeron Processor
PICO51R AXIOMTEK-PICO51R Datasheet
443Kb / 1P
Pico-ITX SBC with 7th Gen Intel® Core™ i7/i5/i3 and Celeron® Processor, DisplayPort, LVDS and 2 GbE LAN
Nov. 02, 2023.
PICO51RPGG-CELERON-3965U AXIOMTEK-PICO51RPGG-CELERON-3965U Datasheet
443Kb / 1P
Pico-ITX SBC with 7th Gen Intel® Core™ i7/i5/i3 and Celeron® Processor, DisplayPort, LVDS and 2 GbE LAN
Nov. 02, 2023.
PICO51RPGG-I3-7100U AXIOMTEK-PICO51RPGG-I3-7100U Datasheet
443Kb / 1P
Pico-ITX SBC with 7th Gen Intel® Core™ i7/i5/i3 and Celeron® Processor, DisplayPort, LVDS and 2 GbE LAN
Nov. 02, 2023.
PICO51RPGG-I5-7300U AXIOMTEK-PICO51RPGG-I5-7300U Datasheet
443Kb / 1P
Pico-ITX SBC with 7th Gen Intel® Core™ i7/i5/i3 and Celeron® Processor, DisplayPort, LVDS and 2 GbE LAN
Nov. 02, 2023.
More results

Similar Description - PICO511

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93275 AXIOMTEK-AX93275 Datasheet
245Kb / 2P
Pico-ITX SBC with 4th/5th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, DisplayPort/LVDS, LAN and Audio
PICO880PGA-C-2980U AXIOMTEK-PICO880PGA-C-2980U Datasheet
245Kb / 2P
Pico-ITX SBC with 4th/5th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, DisplayPort/LVDS, LAN and Audio
PICO880PGA-I7-4650U AXIOMTEK-PICO880PGA-I7-4650U Datasheet
245Kb / 2P
Pico-ITX SBC with 4th/5th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, DisplayPort/LVDS, LAN and Audio
CEM511 AXIOMTEK-CEM511 Datasheet
255Kb / 1P
COM Express Type 6 Module with 7th Gen Intel Core i7/i5/i3 Processor
PICO500 AXIOMTEK-PICO500_17 Datasheet
330Kb / 1P
Pico-ITX SBC with 6th Gen Intel Core i7/i5/i3 & Celeron Processors
PICO512 AXIOMTEK-PICO512 Datasheet
376Kb / 1P
Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 & Celeron Processor
PICO880 AXIOMTEK-PICO880_17 Datasheet
232Kb / 1P
Pico-ITX SBC with 4th/5th Gen Intel Core i7/i5/i3 & Celeron Processor
TBOX500-510-FL AXIOMTEK-TBOX500-510-FL Datasheet
308Kb / 2P
Fanless Embedded System with 7th Gen Intel Core i7/i5/i3
logo
AAEON Technology
PICO-KBU1 AAEON-PICO-KBU1 Datasheet
702Kb / 2P
PICO-ITX Board with 7th Gen. Intel Core i7/i5/i3/Celeron U-Series SoC
logo
Advantech Co., Ltd.
MIO-2375 ADVANTECH-MIO-2375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC
16-Jun-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com