Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7146 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7146
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7146 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52162-0 Rev. 2.7
Figure 6: TBC and REF Timing Waveforms
Table 5: TBC and REF Requirements
Parameters
Description
Min
Max
Units
Conditions
T1
Necessary lag time between TBC
and REF
—2.0
ns
Measured from falling edge of REF to rising
edge of TBC.
T2
Necessary lead time between
TBC and REF
—2.0
ns
Measured from falling edge of REF to rising
edge of TBC.
FR
Frequency Range
105
52.5
127
63.5
MHz
Range over which both transmit and receive
reference clocks on any link may be centered.
The figure on top relects TXMODE=1 and the
bottom one reflects TXMODE=0.
FO
Frequency Offset
−100
+100
ppm
|TXTBC - RXTBC|
TL,TH
Pulse Width, Low / High
4.5
2.5
ns
Low is measured from VIL(max) to VIL(max),
High is measured from VIH(min) to VIH(min).
Min measurement refers to TXMODE=0 and
Max measurement refers to TXMODE=1.
DC
TBC and REF duty cycle
40
60
%
Measured at 1.5V.
TRCR,TRCF
TBC and REF rise and fall time
0.6
1.5
ns
Between VIL(max) and VIH(min).
TBC
VIL(max)
VIH(min)
TL
TH
REF
TBC
REF
T1
T2
REF and TBC must not have their
opposing edges coincident within
2.0ns of each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com