Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9C303 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9C303
Description  Digitally Controlled Potentiometer (XDCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C303 Datasheet(HTML) 2 Page - Xicor Inc.

  X9C303 Datasheet HTML 1Page - Xicor Inc. X9C303 Datasheet HTML 2Page - Xicor Inc. X9C303 Datasheet HTML 3Page - Xicor Inc. X9C303 Datasheet HTML 4Page - Xicor Inc. X9C303 Datasheet HTML 5Page - Xicor Inc. X9C303 Datasheet HTML 6Page - Xicor Inc. X9C303 Datasheet HTML 7Page - Xicor Inc. X9C303 Datasheet HTML 8Page - Xicor Inc. X9C303 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
X9C303
Characteristics subject to change without notice.
2 of 10
REV 1.1 4/27/01
www.xicor.com
PIN DESCRIPTIONS
VH and VL
The high (VH) and low (VL) terminals of the device are
equivalent to the fixed terminals of a mechanical
potentiometer. The minimum voltage is –5V and the
maximum is +5V. It should be noted that the terminol-
ogy of VL and VH references the relative position of the
terminal in relation to wiper movement direction
selected by the U/D input and not the voltage potential
on the terminal.
VW
VW is the wiper terminal, equivalent to the movable ter-
minal of a mechanical potentiometer. The position of
the wiper within the array is determined by the control
inputs. The wiper terminal series resistance is typically
40
Ω.
Up/Down (U/D)
The U/D input controls the direction of the wiper move-
ment and whether the counter is incriminated or decre-
mented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC
will move the wiper and either increment or decrement
the counter in the direction indicated by the logic level
on the U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The
current counter value is stored in nonvolatile memory
when CS is returned HIGH while the INC input is also
HIGH. After the store operation is complete the device
will be placed in the low power standby mode until the
device is selected once again.
PIN CONFIGURATION
PIN NAMES
POTENTIOMETER RELATIONSHIPS
VCC
CS
VL
VW
INC
U/D
VH
VSS
1
2
3
4
8
7
6
5
X9C303
DIP/SOIC/(TSSOP)
(CS)
(VCC)
(INC)
(U/D)
(VL)
(VW)
(VSS)
(VH)
Symbol
Description
VH
High Terminal (Potentiometer)
VW
Wiper Terminal (Potentiometer)
VL
Low Terminal (Potentiometer)
VSS
Ground
VCC
Supply Voltage
U/D
Up/Down Control Input
INC
Increment Control Input
CS
Chip Select Control Input
NC
No Connection
VL
VH
(VS)
R99
R98
R2
R1
S100
S99
S98
S3
S2
S1
VW
G
i
20Log
R
1
R
2
. . .
R
i
++
+
R
TOTAL
-------------------------------------------------
V
W
V
S
--------- V
L
0V
=
()
==
R
1
R
2
. . .
R
99
++
+
33K
Ω
@R
TOTAL
=
(Refer Test Circuit 1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com