Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT4500 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT4500
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT4500 Datasheet HTML 35Page - Exar Corporation XRT4500 Datasheet HTML 36Page - Exar Corporation XRT4500 Datasheet HTML 37Page - Exar Corporation XRT4500 Datasheet HTML 38Page - Exar Corporation XRT4500 Datasheet HTML 39Page - Exar Corporation XRT4500 Datasheet HTML 40Page - Exar Corporation XRT4500 Datasheet HTML 41Page - Exar Corporation XRT4500 Datasheet HTML 42Page - Exar Corporation XRT4500 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
36
TABLE 2: TRANSMITTER SPECIFICATION
SINGLE-ENDED OR
DIFFERENTIAL
V.35
DIFFERENTIAL
V.11
DIFFERENTIAL
V. 10
SINGLE-ENDED
RS-232
SINGLE-ENDED
Max Signal Level
± 660 mV
RL = 100
Ω
|V0| < 6 V
RL = 3900
Ω
4 < |V0| < 6 V
RL = 3900
Ω
± 6 V
3000
Ω < RL < 7000Ω
Min Signal Level
± 440 mV
RL = 100
Ω
2V < |VT| >0.5
V0 R L = 100
Ω
|VT| > 0.9 V0
RL = 450
Ω
± 5 V
3000
Ω < RL < 7000Ω
Offset Voltage
N/A
|Vos| < 3V
N/A
N/A
Rout Differential
100
Ω ± 10%
100
Ω
N/A
N/A
Rout Common-Mode
150
Ω ± 15%
N/A
N/A
N/A
Rout Power Off
N/A
N/A
N/A
> 300
Ω
Output Slew Rate/Tr,Tf
20 ns
20 ns
1ms
< 30 V/ms
Clock Frequency
20 MHz
20 MHz
120 KHz
256 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com