Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT6164CP Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT6164CP
Description  Digital Line Interface Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT6164CP Datasheet(HTML) 3 Page - Exar Corporation

  XRT6164CP Datasheet HTML 1Page - Exar Corporation XRT6164CP Datasheet HTML 2Page - Exar Corporation XRT6164CP Datasheet HTML 3Page - Exar Corporation XRT6164CP Datasheet HTML 4Page - Exar Corporation XRT6164CP Datasheet HTML 5Page - Exar Corporation XRT6164CP Datasheet HTML 6Page - Exar Corporation XRT6164CP Datasheet HTML 7Page - Exar Corporation XRT6164CP Datasheet HTML 8Page - Exar Corporation XRT6164CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
XRT6164
3
Rev. 3.0.0
PIN CONFIGURATION
16 Lead PDIP (0.300”)
16 Lead SOIC (Jedec, 0.300”)
PIN DESCRIPTION
Pin#
Symbol
Type
Description
1
RX-I/P
I
Receiver Negative Bipolar Input. Line analog input.
2
I/P BIAS
O
Receive Input Bias. Connects to center tap of input transformer secondary winding.
3
RX ALARM
O
Loss of Signal Alarm. Active low.
4
GNDA
Analog Ground.
5
S-R
O
Receive Negative Data Output. Output from negative bipolar input pulses (active low).
6
TX-I/P
I
Transmit Negative Input Data. Input for negative output driver (active high).
7
GNDD
Digital Ground.
8
TX-O/P
O
Transmit Negative Output Driver. Open collector, drives output transformer primary.
9
V
CCD
+5V +/-5% Digital Supply.
10
TX+O/P
O
Transmit Positive Output Driver. Open collector, drives output transformer primary.
11
TX+I/P
I
Transmit Positive Input Data. Input for positive output driver (active high).
12
S+R
O
Receive Positive Data Output. Output from positive bipolar input pulses (active low).
13
V
CCA
+5V +/-5% Analog Supply.
14
PEAKCAP
Peak Detector Capacitor. Stores peak detector voltage.
15
TCM CON
I
Time Compression Multiplex Control. When active, disconnects peak detector charge
and discharge paths (active low).
16
RX+I/P
I
Receiver Positive Bipolar Input. Line analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com