Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9253 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9253 Datasheet HTML 17Page - Analog Devices AD9253 Datasheet HTML 18Page - Analog Devices AD9253 Datasheet HTML 19Page - Analog Devices AD9253 Datasheet HTML 20Page - Analog Devices AD9253 Datasheet HTML 21Page - Analog Devices AD9253 Datasheet HTML 22Page - Analog Devices AD9253 Datasheet HTML 23Page - Analog Devices AD9253 Datasheet HTML 24Page - Analog Devices AD9253 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AD9253
Data Sheet
Rev. B | Page 20 of 40
EQUIVALENT CIRCUITS
AVDD
VIN±x
Figure 47. Equivalent Analog Input Circuit
CLK+
CLK–
0.9V
15kΩ
10Ω
10Ω
15kΩ
AVDD
AVDD
Figure 48. Equivalent Clock Input Circuit
31kΩ
SDIO/OLM
400Ω
AVDD
Figure 49. Equivalent SDIO/OLM Input Circuit
DRVDD
DRGND
D0–x, D1–x
D0+x, D1+x
V
V
V
V
Figure 50. Equivalent Digital Output Circuit
350Ω
AVDD
30kΩ
SCLK/DTP, SYNC,
AND PDWN
Figure 51. Equivalent SCLK/DTP, SYNC, and PDWN Input Circuit
RBIAS
AND VCM
375Ω
AVDD
Figure 52. Equivalent RBIAS and VCM Circuit
CSB
350Ω
AVDD
30kΩ
Figure 53. Equivalent CSB Input Circuit
VREF
AVDD
7.5kΩ
375Ω
Figure 54. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com