Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9633 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9633 Datasheet HTML 8Page - Analog Devices AD9633 Datasheet HTML 9Page - Analog Devices AD9633 Datasheet HTML 10Page - Analog Devices AD9633 Datasheet HTML 11Page - Analog Devices AD9633 Datasheet HTML 12Page - Analog Devices AD9633 Datasheet HTML 13Page - Analog Devices AD9633 Datasheet HTML 14Page - Analog Devices AD9633 Datasheet HTML 15Page - Analog Devices AD9633 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Data Sheet
AD9633
Rev. B | Page 11 of 41
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
Digital Outputs (D0±x, D1±x, DCO+,
DCO−, FCO+, FCO−) to AGND
−0.3 V to +2.0 V
CLK+, CLK− to AGND
−0.3 V to +2.0 V
VIN+x, VIN−x to AGND
−0.3 V to +2.0 V
SCLK/DTP, SDIO/OLM, CSB to AGND
−0.3 V to +2.0 V
SYNC, PDWN to AGND
−0.3 V to +2.0 V
RBIAS to AGND
−0.3 V to +2.0 V
VREF, SENSE to AGND
−0.3 V to +2.0 V
Environmental
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 7. Thermal Resistance
Package Type
Air Flow
Velocity
(m/sec)
θJA1
θJB
θJC
Unit
48-Lead LFCSP
0.0
23.7
7.8
7.1
°C/W
7 mm × 7 mm
1.0
20.0
N/A
N/A
°C/W
CP-48-13
2.5
18.7
N/A
N/A
°C/W
1
θJA for a 4-layer PCB with solid ground plane (simulated). Exposed pad
soldered to PCB.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com