Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9635 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9635 Datasheet HTML 9Page - Analog Devices AD9635 Datasheet HTML 10Page - Analog Devices AD9635 Datasheet HTML 11Page - Analog Devices AD9635 Datasheet HTML 12Page - Analog Devices AD9635 Datasheet HTML 13Page - Analog Devices AD9635 Datasheet HTML 14Page - Analog Devices AD9635 Datasheet HTML 15Page - Analog Devices AD9635 Datasheet HTML 16Page - Analog Devices AD9635 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 12 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AD9635-80
Figure 9. Single-Tone 16k FFT with fIN = 9.7 MHz, fSAMPLE = 80 MSPS
Figure 10. Single-Tone 16k FFT with fIN = 30.5 MHz, fSAMPLE = 80 MSPS
Figure 11. Single-Tone 16k FFT with fIN = 70.2 MHz, fSAMPLE = 80 MSPS
Figure 12. Single-Tone 16k FFT with fIN = 139.5 MHz, fSAMPLE = 80 MSPS
Figure 13. Single-Tone 16k FFT with fIN = 200.5 MHz, fSAMPLE = 80 MSPS
Figure 14. Single-Tone 16k FFT with fIN = 200.5 MHz, fSAMPLE = 80 MSPS,
Clock Divide = Divide-by-8
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
9.7MHz AT –1dBFS
SNR = 70.7dB (71.7dBFS)
SFDR = 92.9dBc
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
30.5MHz AT –1dBFS
SNR = 70.6dB (71.6dBFS)
SFDR = 91.2dBc
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
70.2MHz AT –1dBFS
SNR = 70.3dB (71.3dBFS)
SFDR = 93.5dBc
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
139.5MHz AT –1dBFS
SNR = 68.8dB (69.8dBFS)
SFDR = 80.9dBc
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
200.5MHz AT –1dBFS
SNR = 67.4dB (68.4dBFS)
SFDR = 83dBc
0
–15
–30
–45
–60
–75
–105
–90
–120
–135
0
8
4
12
16
28
20
24
32
40
36
FREQUENCY (MHz)
80MSPS
200.5MHz AT –1dBFS
SNR = 68.8dB (69.8dBFS)
SFDR = 81.3dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com