Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9689 Datasheet HTML 62Page - Analog Devices AD9689 Datasheet HTML 63Page - Analog Devices AD9689 Datasheet HTML 64Page - Analog Devices AD9689 Datasheet HTML 65Page - Analog Devices AD9689 Datasheet HTML 66Page - Analog Devices AD9689 Datasheet HTML 67Page - Analog Devices AD9689 Datasheet HTML 68Page - Analog Devices AD9689 Datasheet HTML 69Page - Analog Devices AD9689 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 66 of 134
Chip
Application
Layer
Chip
Decimation
Ratio
DDC
Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of Virtual
Converters
Required
Register Settings
Four DDCs
8
Real
Real
5% × fS
4
0x0200 = 0x23 (four DDCs; I only selected)
0x0201 = 0x03 (chip decimate by 8)
0x0310, 0x0330, 0x0350, 0x0370 = 0x4A (real mixer; 6 dB
gain; variable IF; real output; HB4 + HB3 + HB2 + HB1 filters)
0x0311 = 0x00 (DDC0 I input = ADC Channel A; DDC0 Q
input = ADC Channel A)
0x0331 = 0x00 (DDC1 I input = ADC Channel A; DDC1 Q
input = ADC Channel A)
0x0351 = 0x05 (DDC2 I input = ADC Channel B; DDC2 Q
input = ADC Channel B)
0x0371 = 0x05 (DDC3 I input = ADC Channel B; DDC3 Q
input = ADC Channel B)
0x0316, 0x0317, 0x0318, 0x0319, 0x031A, 0x031B,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 = FTW
and POW set as required by application for DDC0
0x0336, 0x0337, 0x0338, 0x0339, 0x033A, 0x033B,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342 = FTW
and POW set as required by application for DDC1
0x0356, 0x0357, 0x0358, 0x0359, 0x035A, 0x035B,
0x035D, 0x035E, 0x035F, 0x0360, 0x0361, 0x0362 = FTW
and POW set as required by application for DDC2
0x0376, 0x0377, 0x0378, 0x0379, 0x037A, 0x037B,
0x037D, 0x037E, 0x037F, 0x0380, 0x0381, 0x0382 = FTW
and POW set as required by application for DDC3
Four DDCs
16
Real
Complex
5% × fS
8
0x0200 = 0x03 (four DDCs; I/Q selected)
0x0201 = 0x04 (chip decimate by 16)
0x0310, 0x0330, 0x0350, 0x0370 = 0x42 (real mixer; 6 dB
gain; variable IF; complex output; HB4 + HB3 + HB2 +
HB1 filters)
0x0311 = 0x00 (DDC0 I input = ADC Channel A; DDC0 Q
input = ADC Channel A)
0x0331 = 0x00 (DDC1 I input = ADC Channel A; DDC1 Q
input = ADC Channel A)
0x0351 = 0x05 (DDC2 I input = ADC Channel B; DDC2 Q
input = ADC Channel B)
0x0371 = 0x05 (DDC3 I input = ADC Channel B; DDC3 Q
input = ADC Channel B)
0x0316, 0x0317, 0x0318, 0x0319, 0x031A, 0x031B,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 = FTW
and POW set as required by application for DDC0
0x0336, 0x0337, 0x0338, 0x0339, 0x033A, 0x033B,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342 = FTW
and POW set as required by application for DDC1
0x0356, 0x0357, 0x0358, 0x0359, 0x035A, 0x035B,
0x035D, 0x035E, 0x035F, 0x0360, 0x0361, 0x0362 = FTW
and POW set as required by application for DDC2
0x0376, 0x0377, 0x0378, 0x0379, 0x037A, 0x037B,
0x037D, 0x037E, 0x037F, 0x0380, 0x0381, 0x0382 = FTW
and POW set as required by application for DDC3
1
fS is the ADC sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com