Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC49021AS Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49021AS
Description  Dual/Single USB Charger Port Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49021AS Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49021AS Datasheet HTML 1Page - E-CMOS Corporation EC49021AS Datasheet HTML 2Page - E-CMOS Corporation EC49021AS Datasheet HTML 3Page - E-CMOS Corporation EC49021AS Datasheet HTML 4Page - E-CMOS Corporation EC49021AS Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EC49021AS/AD
Dual/Single USB Charger Port Controller
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 5
5J21N-Rev.F001
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Maximum
Units
VDP1
DP1data line input voltage
0.3~7V
V
VDM1
DM1 data line input voltage
0.3~7V
V
VDP2
DP2 data line input voltage
0.3~7V
V
VDM2
DM2 data line input voltage
0.3~7V
V
VIN
input voltage of IN
0.3~7V
V
VHBM
ESD Voltage(Human body model)
2
KV
VMM
ESD Voltage(Machine model)
200
V
TA
Operating Junction temperature
-40~120
℃
TS
Storage temperature range
-55~150
℃
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min
Typ
Max
Unit
IIN
VIN=5V
155
200
uA
UVLO
VUVLO
3.9
4.1
4.3
V
VUVLO
100
mV
BC 1.2 DCP Mode (Short Mode)
RDPM_SHORT1
VDP1=0.8V,IDM1=1mA
157
200
RDCHG_SHORT1
VDP1=0.8V
350
656
1150
K
VDPL_TH_DETACH1
0.31
0.33
0.35
V
Vhyst
50
mV
RDPM_SHORT2
VDP2=0.8V,IDM2=1mA
157
200
RDCHG_SHORT2
VDP2=0.8V
350
656
1150
K
VDPL_TH_DETACH2
0.31
0.33
0.35
V
Divider Mode
VDP1_2.7V
VIN=5V
2.57
2.7
2.84
V
VDM1_2V
VIN=5V
1.9
2.0
2.1
V
RDP1_PAD1
IDP1=-5uA
24
30
36
K
RDM1_PAD1
IDP1=-5uA
24
30
36
K
VDP2_2.7V
VIN=5V
2.57
2.7
2.84
V
VDM2_2V
VIN=5V
1.9
2.0
2.1
V
RDP2_PAD1
IDP2=-5uA
24
30
36
K
RDM2_PAD1
IDP2=-5uA
24
30
36
K
1.2V / 1.2V Mode
VDP1_1.2V
VIN=5V
1.12
1.2
1.28
V
VDM1_1.2V
VIN=5V
1.12
1.2
1.28
V
RDP1_PAD2
IDP1=-5uA
80
102
130
K
RDM1_PAD2
IDP1=-5uA
80
102
130
K
VDP2_1.2V
VIN=5V
1.12
1.2
1.28
V
VDM2_1.2V
VIN=5V
1.12
1.2
1.28
V
RDP2_PAD2
IDP2=-5uA
80
102
130
K
RDM2_PAD2
IDP2=-5uA
80
102
130
K
VDP2_2.7V
VIN=5V
2.57
2.7
2.84
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com