Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC49022 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC49022
Description  1A, Single Cell Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49022 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC49022 Datasheet HTML 1Page - E-CMOS Corporation EC49022 Datasheet HTML 2Page - E-CMOS Corporation EC49022 Datasheet HTML 3Page - E-CMOS Corporation EC49022 Datasheet HTML 4Page - E-CMOS Corporation EC49022 Datasheet HTML 5Page - E-CMOS Corporation EC49022 Datasheet HTML 6Page - E-CMOS Corporation EC49022 Datasheet HTML 7Page - E-CMOS Corporation EC49022 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1A, Single Cell Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 8
4J30N Rev. F001
EC49022
Pin Functions
Pin
Pin Function Description
Pin
Pin Function Description
TEMP
Connecting TEMP pin to NTC
thermistor’s
output in Lithium ion battery pack. Terminate
Charge when TEMP<45%Vcc or
TEMP>80%Vcc. The function disable when
TEMP connect to GND, but other function is
work.
BAT
Connect the positive terminal of the battery
to BAT pin
PROG
Constant charge current setting and charge
current monitor pin
STDBY
Charge completely Status Output, The
status is Low Level when charge completely.
Other status is high-impedance.
GND
Ground pin
CHRG
Charging Status Output, The status is low
level when charging, other status is
high-impedance.
VCC
Input Voltage pin
CE
Chip Enable Input
Ordering Information
Package
Part Number
Marking
Marking Information
SOP-8
(Exposed PAD)
EC49022NNMHR
49022
LLLLL
YYWWT
1.
LLLLL:Lot No.
2.
YYWW:date Code
3.
T:Internal Tracking Code
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com