Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX93221 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93221
Description  LVDS to DVI-D Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93221 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93221_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
7
222
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
LVDS out
DVI-D
LVDS Input
LVDS in
LVDS Convert Modules
AX95601
AX93221
LVDS Converter
From Factor: ECX stacking module
Controller: Xilinx XC3S200AN
Connector: 2 x 40-pins LVDS connectors
Dimention: 65 x 43 mm
Applied for CAPA800 and CAPA801
LVDS to DVI-D Converter
Input supports 18/36/24/48-bit LVDS through 40-pin LVDS connector
Output supports DVI-D connector
Size: 60 x 50 mm
Applied for PICO821 and PICO822
Ordering Information
AX95601
(P/N: E395601101)
LVDS converter for pixel compensated to 1280 x 1024 48 bit
AX95601
(P/N: E395601100)
LVDS converter for scale up to 1920 x 1080 48 bit
Full Solid
Cap Design
Full Solid
Cap Design


Similar Part No. - AX93221_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93221 AXIOMTEK-AX93221 Datasheet
130Kb / 1P
LVDS Converter
AX93221 AXIOMTEK-AX93221 Datasheet
288Kb / 1P
LVDS Convert Modules
More results

Similar Description - AX93221_17

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIDP880 STMICROELECTRONICS-STIDP880 Datasheet
99Kb / 6P
iDP to LVDS converter
10-Dec-2009
logo
Advantech Co., Ltd.
PCM-261 ADVANTECH-PCM-261_12 Datasheet
805Kb / 1P
LVDS/TTL to DVI Module
logo
List of Unclassifed Man...
MI956 ETC2-MI956 Datasheet
745Kb / 1P
Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
logo
Tripp Lite. All Rights ...
P138000DVI TRIPPLITE-P138000DVI Datasheet
473Kb / 2P
Mini DVI to DVI Cable Adapter, Video Converter for Macbooks and iMacs, 1920x1200 (Mini DVI to DVI-D M-F)
logo
Glenair, Inc.
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
DVI Copper to Fiber Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
DVI Copper to Fiber Media Converter
logo
Tripp Lite. All Rights ...
P134-000-DVI-V2 TRIPPLITE-P134-000-DVI-V2 Datasheet
167Kb / 2P
DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI Female)
P138-000-DVI TRIPPLITE-P138-000-DVI Datasheet
153Kb / 2P
Mini DVI to DVI Cable Adapter, Video Converter for Macbooks and iMacs, 1920x1200 (Mini DVI to DVI-D M/F)
logo
Chrontel, Inc.
CH7036 CHRONTEL-CH7036 Datasheet
175Kb / 8P
CH7036 LVDS to HDMI/VGA/LVDS Converter
Rev. 1.5 06/30/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com