Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN5850 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ALN5850
Description  Internally Matched LNA Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN5850 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ALN5850 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN5850 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN5850 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN5850 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN5850 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ALN5850 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
www.asb.co.kr
August 2017
plerowTM ALN5850
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-15.80
-13.45
17.73
0.21
2.08
21.51
30.31
118
4.6
-15.79
-13.62
17.87
0.22
2.08
21.79
31.53
127
4.7
-15.87
-13.54
17.97
0.21
2.06
21.94
32.22
137
4.8
-15.79
-13.81
18.16
0.21
2.06
22.02
32.95
146
4.9
-15.62
-14.11
18.24
0.21
2.06
22.23
33.54
156
5.0
-15.64
-13.91
18.23
0.21
2.10
22.35
34.33
165
5.1
-15.82
-13.84
18.24
0.24
2.12
22.41
34.77
175
5.2
-15.87
-13.54
18.28
0.24
2.14
22.57
35.21
185
5.3
-15.86
-13.51
19.30
0.24
2.16
22.82
35.34
194
5.4
-15.66
-13.17
18.27
0.24
2.18
22.93
35.94
204
5.5
-15.77
-12.66
18.29
0.24
2.24
22.98
35.90
214
Note: tested at 25 oC.
S11, S22, NF are the worst value over frequency, 5750~5950 MHz.
S21, P1dB, and OIP3 are measured at the center frequency, 5850 MHz.
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-15.47
-13.60
18.01
0.24
1.14
22.69
32.87
151
- 20
C
-15.57
-13.75
18.68
0.16
1.42
22.39
32.94
157
0
C
-15.46
-13.32
18.44
0.16
1.67
22.17
33.22
159
25
C
-15.50
-13.50
18.00
0.21
2.06
22.30
34.37
163
40
C
-16.01
-13.20
17.80
0.26
2.10
21.97
33.77
167
60
C
-15.06
-12.78
17.63
0.28
2.28
21.41
33.18
173
85
C
-14.95
-12.29
16.89
0.28
2.63
20.87
32.79
175
100
C
-14.74
-11.24
16.63
0.28
2.86
20.74
32.09
178
Note: tested at 5.0 V.
S11, S22, NF are the worst value over frequency, 5750~5950 MHz.
S21, P1dB, and OIP3 are measured at the center frequency, 5850 MHz.
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com